Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28C16B Datasheet(PDF) 4 Page - STMicroelectronics

Part # M28C16B
Description  16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16B Datasheet(HTML) 4 Page - STMicroelectronics

  M28C16B Datasheet HTML 1Page - STMicroelectronics M28C16B Datasheet HTML 2Page - STMicroelectronics M28C16B Datasheet HTML 3Page - STMicroelectronics M28C16B Datasheet HTML 4Page - STMicroelectronics M28C16B Datasheet HTML 5Page - STMicroelectronics M28C16B Datasheet HTML 6Page - STMicroelectronics M28C16B Datasheet HTML 7Page - STMicroelectronics M28C16B Datasheet HTML 8Page - STMicroelectronics M28C16B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
M28C16B, M28C17B
4/17
Table 3. Operating Modes 1
Note: 1. 0=
VIL; 1=VIH; X = VIH or VIL; V=12V ± 5%.
Mode
E
G
W
DQ0-DQ7
Stand-by
1
X
X
Hi-Z
Output Disable
X
1
X
Hi-Z
Write Disable
X
X
1
Hi-Z
Read
0
0
1
Data Out
Write
0
1
0
Data In
Chip Erase
0
V
0
Hi-Z
end of the cycle can be detected by reading the
status of the Data Polling and the Toggle Bit func-
tions on DQ7 and DQ6.
Page Write
The Page Write mode allows up to 64 bytes to be
written on a single page in a single go. This is
achieved through a series of successive Write op-
erations, no two of which are separated by more
than the tWLQ5H value (as specified in Table 10A).
The page write can be initiated during any byte
write operation. Following the first byte write in-
struction the host may send another address and
data with a minimum data transfer rate of:
1/tWLQ5H.
The internal write cycle can start at any instant af-
ter tWLQ5H. Once initiated, the write operation is in-
ternally timed, and continues, uninterrupted, until
completion.
All bytes must be located on the same page ad-
dress (A10-A6 must be the same for all bytes).
Otherwise, the Page Write operation is not execut-
ed.
As with the single byte Write operation, described
above, the DQ5, DQ6 and DQ7 lines can be used
to detect the beginning and end of the internally
controlled phase of the Page Write cycle.
Software Data Protection (SDP)
The device offers a software-controlled write-pro-
tection mechanism that allows the user to inhibit all
write operations to the device. This can be useful
for protecting the memory from inadvertent write
cycles that may occur during periods of instability
(uncontrolled bus conditions when excessive
noise is detected, or when power supply levels are
outside their specified values).
By default, the device is shipped in the “unprotect-
ed” state: the memory contents can be freely
changed by the user. Once the Software Data Pro-
tection Mode is enabled, all write commands are
Table 4A. Power-Up Timing1 for M28CxxB (5V range)
(TA = 0 to 70 °C or -40 to 85 °C; VCC = 4.5 to 5.5 V)
Note: 1. Sampled only, not 100% tested.
Table 4B. Power-Up Timing1 for M28CxxB-W (3V range)
(TA = 0 to 70 °C or -40 to 85 °C; VCC = 2.7 to 3.6 V)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)
10
ms
VWI
Write Inhibit Threshold
3.0
4.2
V
Symbol
Parameter
Min.
Max.
Unit
tPUR
Time Delay to Read Operation
1
µs
tPUW
Time Delay to Write Operation (once VCC
≥ VWI)15
ms
VWI
Write Inhibit Threshold
1.5
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com