Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095 Datasheet(PDF) 2 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095 Datasheet(HTML) 2 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ETA5095
www.etasolution.com
2
Powering Minds of the SmartS
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
1
2
3
5
4
VIN
GND
EN
VOUT
FB/NC
SOT23-5
ETA5095
ETA5095
GND
VOUT
GND
VIN
SOT89-3
1
2
3
Figure 1: Pin Configuration
(Note: Exceeding these limits may damage the device. Exposure to
absolute maximum rating conditions for long periods may affect device
reliability.)
VIN to GND Voltage ................................ -0.3V to 42V
VOUT to GND Voltage............................. -0.3V to 42V
EN to GND Voltage ................................. -0.3V to 42V
FB to GND Voltage.................................... -0.3V to 6V
VOUT current .................................... Internally limited
Operating Temperature Range..............-40°C to 85°C
Storage Temperature Range ...............-55°C to 150°C
Thermal Resistance θJC
θJA
SOT23-5L....................90................180..............°C/W
SOT89-3……….….……9……...….....52 ............ °C /W
Lead Temperature (Soldering,10sec) ................260°C
ESD HBM (Human Body Mode)........................... 2KV
ESD MM (Machine Mode)...................................200V
ELECTRICAL CHARACTERISTICS
(VIN = VOUT(TYP)+≥1V, unless otherwise specified. Typical values are at TA = 25oC.)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN_RANGE Input Supply Range
6
40
V
UVLO
Under Voltage Lock
Output
VIN Rising
6
V
UVLO Hysteresis
VIN Falling
500
mV
OVP
IN Over Voltage
Protection Threshold
VIN Rising
40.5
44
V
OVP Hysteresis
VIN Falling
1
V
IQ
Quiescent Current
EN = Floating
75
200
µA
ISD
Shutdown Current
EN = 0V
2
5
µA
VDROP
Dropout Voltage
VOUT = 12, IOUT = 100mA
1
1.5
V
VOUT_RANGE Output Voltage Range
1.5
24
V
VOUT_ACC Output Voltage Accuracy TJ=25°C
-2
+2
%
-40°C<TJ<125°C
-3
+3
%
VFB
FB Pin Regulation
Voltage
TJ=25°C
1.083 1.1 1.117
V
-40°C<TJ<125°C
1.075 1.1 1.125
V
ILIM
Output Current Limit
150
mA
IFB
Foldback Current Limit
VOUT = 0V
20
mA
VLOAD
Static Load Regulation
1mA<IOUT<150mA
0.003
%/mA
VLINE
Static Line Regulation
VOUT + 2V < VIN <40V
0.05
%/V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com