Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095 Datasheet(PDF) 5 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095 Datasheet(HTML) 5 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ETA5095
www.etasolution.com
5
Powering Minds of the SmartS
TYPICAL PERFORMANCE CHARACTERISTICS
(TA=25°C, VIN = 12V if not specified)
0
20
40
60
80
0
5
10
15
20
25
30
35
Vin(V)
Iq Vs. Vin
Iq
50
55
60
65
70
75
80
85
-50
0
50
100
150
Temperature (℃)
Iq Vs. Temp
0
0.5
1
1.5
2
2.5
3
3.5
0
50
100
150
200
250
300
Iout(mA)
Vout Vs. Iout
0
1
2
3
4
5
6
-45
5
55
105
Temperature(℃)
Vout Vs. Temp
Vout=3.3V
Vout=5V
3.1
3.15
3.2
3.25
3.3
3.35
3.4
0
20
40
60
80
100
120
140
160
Iout(mA)
Load Regulation
Vin=7V
Vin=12V
Vin=24V
3.1
3.15
3.2
3.25
3.3
3.35
3.4
0
5
10
15
20
25
30
35
40
45
Vin(V)
Line Regulation
no Load
Iout=10mA
Iout=100mA
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Frequency(kHz)
PSRR Vs. Freq, Iout=1mA
no Cout
1uF Cout
10uF Cout
0
20
40
60
80
100
0.1
1
10
100
1000
10000
Frequency(kHz)
PSRR Vs. Freq, Cout=1uF
1mA
10mA
100mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com