Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095 Datasheet(PDF) 7 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095 Datasheet(HTML) 7 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095 Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095 Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ETA5095
www.etasolution.com
7
Powering Minds of the SmartS
FUNCTIONAL DESCRIPTION
General Description
The main feature of the ETA5095 is its capability to operate with wide input range and with small input and
output capacitors. ETA5095 use a new architecture of LDO to have sufficient phase margin over all
positions of the output capacitor pole. It also includes protection features like input over voltage protection,
short circuit protection and thermal shutdown.
Enable Sequence
ETA5095 is enabled when all following conditions occur:
EN pin voltage is greater than a logic high,
UVLO < VIN < OVP,
Junction temperature is less than Thermal Shutdown,
Once all above conditions are occurred, ETA5095 will be enabled after 500us. In case any of above
conditions is not correct, ETA5095 will be in shutdown mode. EN pin is internally pulled up to a Logic High.
Output Current Limit and Foldback Current Limit
ETA5095 guarantees 150mA output current for all output voltage configuration, so it is designed with 250mA
(typically). ETA5095 current limit is reduced when output voltage is less than 75% of the configuration. The
reduction is linearity and finish when output voltage is at 25% when the limit is only 20mA (typically) left. This
feature will make sure ETA5095 will always do its start-up successfully with any load less than maximum
loading.
Over-Temperature Protection
Thermal protection disables the output when the junction temperature rises to approximately 150oC, allowing
the device to cool down. When the junction temperature cools to approximately 120°C, the output circuitry is
again enabled. Depending on power dissipation, thermal resistance, and ambient temperature, the thermal
protection circuit may cycle on and off. This cycling limits regulator dissipation, protecting the device from
damage as a result of overheating.
APPLICATION INFORMATION
Capacitor Selection
ETA5095 does not require high capacitors at both VIN and VOUT pins for stability. Using 100nF capacitor at
VOUT will be suitable for the output voltage up to 8V, with any load type. Using 220nF capacitor at VOUT will
be suitable for the output voltage up to 14V, with any load type.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com