Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095S2F Datasheet(PDF) 3 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095S2F
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095S2F Datasheet(HTML) 3 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095S2F Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ETA5095
www.etasolution.com
3
Powering Minds of the SmartS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Noise
Output Noise Voltage
VOUT = 3.3V, integrated noise
(10hz – 20khz)
250
µVRMS
PSRR
Power Supply Rejection
Ratio
Frequency = 1kHz, no output
cap
60
dB
Frequency = 10kHz, no output
cap
50
dB
TSHUT
Thermal Shutdown
Threshold
150
˚C
Thermal Shutdown
Threshold Hysteresis
30
TEN
Enable Delay Time
300
µs
VHI
Enable Input Logic High
EN Pin Voltage Rising
1.1
1.18 1.26
V
VLO
Enable Input Logic Low
EN Pin Voltage Falling
1
V
IEN
Enable Pin Input Current VEN = 24V
2
µA
PIN DESCRIPTION
SOT23-5
PIN #
SOT89-3
PIN#
PIN NAME
DESCRIPTION
1
1
IN
Input Supply Pin
2
2
GND
Ground Pin
3
NA
EN
Enable Pin. Drive it high to enable IC, drive it low to
disable
4
NA
FB/NC
Feedback pin for output voltage configuration, FB only for
adjustable voltage version, fixed voltage version internal no
connection
5
3
OUT
Output of regulator



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com