Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095S2F Datasheet(PDF) 1 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095S2F
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095S2F Datasheet(HTML) 1 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095S2F Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ETA5095
www.etasolution.com
1
Powering Minds of the SmartS
40V Input, 150mA Linear Regulator
DESCRIPTION
FEATURES
ETA5095 is a linear regulator features wide input
range, high power-supply rejection ratio(PSRR)
and low noise. The device provides fixed output
voltages of 3.3V and 5V. The output voltage is also
adjustable. It can be programmed by a resistor
divider from 1.5V to 24V.
The device also includes short circuit protection,
over voltage protection and thermal shutdown. The
shutdown current of ETA5095 is as low as 2uA.
Therefore, ETA5095 is an ideal power supply for
power delivery, personal digital assistants, low
power battery-powered applications.
ETA5095 is available in SOT23-5 and SOT89-3
Wide Input Voltage Range: From 6V to 40V
Programmable Output Voltage: From 1.5V to 24V
Up to 150mA Output Current
Very Accurate Output Voltage: 3% Over
Temperature and Input Voltage
Accurate EN threshold for setting external UVLO
High PSRR, 60dB
Integrated Thermal and Current Limit
APPLICATIONS
Space-Sensitive Applications
Battery-Powered Equipment
Cordless and Mobile Phones
Industrial and Medical Equipment
Portable Equipment
TYPICAL APPLICATION
OUT
ETA5095
(SOT23-5)
IN
FB/NC
EN
GND
CIN
COUT
OUTPUT
INPUT
*R1
*R2
Enable Input
* R-Divider only for adjustable version
VOUT=
R2
R1+R2
X
VFB
VOUT
ETA5095
VIN
GND
CIN
COUT
OUTPUT
INPUT
(SOT89-3)
ORDERING
INFORMATION
PART No.
PACKAGE
TOP MARK
Pcs/Reel
ETA5095S2F
SOT23-5
JFYW
3000
ETA5095V33S2F
SOT23-5
JPYW
3000
ETA5095V50S2F
SOT23-5
JZYW
3000
ETA5095V33S8D
SOT89-3
JPYW
1000
ETA5095V50S8D
SOT89-3
JZYW
1000


Similar Part No. - ETA5095S2F

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA5097 ETA-ETA5097 Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
ETA5097S2G ETA-ETA5097S2G Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
ETA5097S8A ETA-ETA5097S8A Datasheet
143Kb / 1P
12V Interface Current Limiter and Integrated Low Linear Regulator
More results

Similar Description - ETA5095S2F

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000_06 Datasheet
232Kb / 7P
Low Input Voltage 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
ACE Technology Co., LTD...
ACE577C ACE-ACE577C Datasheet
657Kb / 9P
40V 150mA Low Consumption Linear Regulator
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8078 BELLING-BL8078 Datasheet
1,005Kb / 5P
40V 150mA Low Consumption Linear Regulator
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
40V, 150mA, Low Quiescent Current Linear Regulator
MP2013A MPS-MP2013A Datasheet
842Kb / 19P
40V, 150mA, Low-Quiescent Current Linear Regulator
logo
Renesas Technology Corp
ISL80138 RENESAS-ISL80138 Datasheet
696Kb / 9P
40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com