Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ETA5095S2F Datasheet(PDF) 6 Page - ETA SOLUTIONS CO. LIMITED

Part # ETA5095S2F
Description  40V Input, 150mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETA [ETA SOLUTIONS CO. LIMITED]
Direct Link  http://www.etasolution.com
Logo ETA - ETA SOLUTIONS CO. LIMITED

ETA5095S2F Datasheet(HTML) 6 Page - ETA SOLUTIONS CO. LIMITED

  ETA5095S2F Datasheet HTML 1Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 2Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 3Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 4Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 5Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 6Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 7Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 8Page - ETA SOLUTIONS CO. LIMITED ETA5095S2F Datasheet HTML 9Page - ETA SOLUTIONS CO. LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
ETA5095
www.etasolution.com
6
Powering Minds of the SmartS
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(TA=25°C, VIN = 12V if not specified)
Output Load Transient without any Capacitor,
VIN = 12V, VOUT = 3.3V
Output Load Transient with COUT = 100nF,
VIN = 12V, VOUT = 3.3V
Output Load Transient without any Capacitor,
VIN = 24V, VOUT = 12V
Output Load Transient with COUT = 100nF,
VIN = 24V, VOUT = 12V
Line Transient Without Output Capacitor,
VOUT = 3.3V, IOUT = 10mA
Line Transient Without Output Capacitor,
VOUT = 12V, IOUT = 12mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com