Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7886 Datasheet(PDF) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886
Description  100V Input, 3.5A, Switching Current Limit Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT7886 Datasheet(HTML) 4 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT7886 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HT7886
Buck Converter
Copyright©2023, Heroic Technology
-4-
8/2023 – V1.2
◼ TERMINAL CONFIGURATION
8
7
6
5
1
2
3
4
FB
NC
VI N
BST
GND
EN
DIM
SW
EP
GND
Top View
◼ TERMINAL FUNCTION
Terminal
No.
Name
Description
1
FB
Feedback. FB is the input to the voltage hysteretic comparators. The average FB voltage
is maintained at 200mV by loop regulation.
反馈。FB是电压迟滞比较器的输入。通过环路调节, FB电压保持在平均200mV
2
NC
No connection. 无连接
3
VIN
Input supply. VIN supplies power to all of the internal control circuitries, both BST
regulators, and the high-side switch. A decoupling capacitor to ground must be placed
close to VIN to minimize switching spikes.
输入电源。VIN为所有内部控制电路、BST调节器和高端管供电。接地滤波电容必
须放置在VIN附近,以减少开关尖峰
4
BST
Bootstrap. BST is the positive power supply for the internal, floating, high-side MOSFET
driver. Connect a bypass capacitor between BST and SW.
BST是内部高端MOSFET驱动器的正电源。在BST和SW之间连接一个旁路电容
器。
5
SW
Switch node. SW is the output from the high-side switch. A low forward voltage
Schottky rectifier to ground is required. The rectifier must be placed close to SW to
reduce switching spikes.
SW是高短管的输出。需要接低正向电压的肖特基二极管到地。二极管必须靠近SW,
以减少开关尖峰
6
DIM
PWM dimming input. DIM is useful in LED driver applications. Pull DIM below the
specified threshold for dimming off. Pull DIM above the specified threshold for dimming
on. If the dimming function is not needed, such as in common buck applications, then
connect DIM and EN together.
PWM调光输入。DIM在LED驱动器中使用。DIM低于阈值,灯灭;DIM高于阈
值,灯亮。如果不需要调光功能,例如在普通降压应用中,则将DIM和EN连接在
一起。
7
EN
Enable input. Pull EN below the specified threshold to shut down the HT7886. Pull EN
above the specified threshold or leave EN floating to enable the HT7886.
使能脚。将EN拉到阈值以下以关闭HT7886。将EN拉至阈值以上或悬空,以启用
HT7886。
8
GND
Ground. GND should be placed as close to the output capacitor as possible to avoid the
high-current switch paths. Connect the exposed pad to GND plane for optimal thermal
performance.
地。GND应尽可能靠近输出电容,以避免高电流开关路径。将暴露的焊盘连接到
GND平面,以获得最佳热性能
EP
GND
Provides both electrical and thermal connection from the device to the board. A matching
ground pad must be provided on the PCB and the device connected to it via solder. For
proper electrical operation, this ground pad must be connected to the system ground. 既
是地,又是散热PAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com