Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7886 Datasheet (PDF) - Jiaxing Heroic Technology Co.,Ltd.

HT7886 Datasheet PDF - Jiaxing Heroic Technology Co.,Ltd.
Part # HT7886
Download  HT7886 Download
File Size   1126.25 Kbytes
Page   18 Pages
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.
Description 100V Input, 3.5A, Switching Current Limit Step-Down Converter

HT7886 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7886 Datasheet PDF - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886
Download  HT7886 Click to download

File Size   1126.25 Kbytes
Page   18 Pages
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.
Description 100V Input, 3.5A, Switching Current Limit Step-Down Converter

HT7886 Datasheet (HTML) - Jiaxing Heroic Technology Co.,Ltd.


HT7886 Product details

Features
Wide 5 V to 100V Input Range
3.5A Typical Peak Switching Current Limit
Hysteretic Control: No Compensation
Up to 1MHz Switching Frequency
PWM Dimming Control Input for LED Application
Short Circuit Protection (SCP) with Integrated
High Side MOSFET
20 0μ A Quiescent Current
Thermal Shutdown
Packages : Pb free Packages, ESOP8




Similar Part No. - HT7886

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
HT780A WILCOXON-HT780A Datasheet
222Kb / 1P
High temperature accelerometer
Rev.B.1 09/18
logo
Holtek Semiconductor In...
HT7818 HOLTEK-HT7818 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
logo
TECH PUBLIC Electronics...
HT7818-7 TECHPUBLIC-HT7818-7 Datasheet
2Mb / 5P
500 mA CMOS Linear Regulator
logo
Guangdong Youtai Semico...
HT7818-A UMW-HT7818-A Datasheet
2Mb / 7P
LDO Linear Regulator
logo
Holtek Semiconductor In...
HT7825 HOLTEK-HT7825 Datasheet
125Kb / 11P
500mA TinyPowerTM LDO
March 2, 2007
More results


Similar Description - HT7886

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
3.5A STEP DOWN SWITCHING REGULATOR
Apr-2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
3.5A step down switching regulator
07-May-2007
logo
Active-Semi, Inc
ACT4050 ACTIVE-SEMI-ACT4050 Datasheet
413Kb / 13P
Wide Input 3.5A Step Down Converter
Rev 2, 01-Jul-11
logo
Monolithic Power System...
MP2115 MPS-MP2115 Datasheet
461Kb / 11P
2A Synchronous Step-Down Converter with Programmable Input Current Limit
MP4462 MPS-MP4462 Datasheet
482Kb / 20P
3.5A, 4MHz, 36V Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1138 SKYWORKS-AAT1138 Datasheet
3Mb / 21P
2A Step-Down Converter with Adjustable Input Current Limit
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP4430 MPS-MP4430 Datasheet
2Mb / 29P
36V, 3.5A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
PAM2327 DIODES-PAM2327 Datasheet
328Kb / 11P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com