Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7886 Datasheet(PDF) 13 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT7886
Description  100V Input, 3.5A, Switching Current Limit Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT7886 Datasheet(HTML) 13 Page - Jiaxing Heroic Technology Co.,Ltd.

Back Button HT7886 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 10Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 11Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 12Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 13Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 14Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 15Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 16Page - Jiaxing Heroic Technology Co.,Ltd. HT7886 Datasheet HTML 17Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
HT7886
Buck Converter
Copyright©2023, Heroic Technology
-13-
8/2023 – V1.2
14 TYPICAL APPLICATION
Figure 3 VIN = 6 ~ 100V, VOUT = 5V, IOUT = 1A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com