Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103RET6-R Datasheet(PDF) 56 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103RET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103RET6-R Datasheet(HTML) 56 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103RET6-R Datasheet HTML 52Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 53Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 54Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 55Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 56Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 57Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 58Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 59Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 60Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
www.g eeh y.co m
Pag e 55
5.11.1.3.
Temperature
Table 43 Temperature
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Slope
Average slope(VDD = 3.3V,TA = -40~105℃)
3.0
3.7
3.8
mV/ºC
V25
Voltage in 25℃(VDD = 2.0-3.6V)
-
1.46
-
V
5.11.2.
DAC
Test parameter description:
⚫
DNL differential non-linear error: the deviation between two consecutive codes is-1
LSB
⚫
INL integral non-linear error: the difference between the measured value at code i and
the value at code i on the connection between code 0 and the last code 4095
Table 44 DAC Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VDDA
Analog power supply
voltage
-
2.4
-
3.6
V
RLOAD
Resistive load
Load is connected to VSSA with buffer
on
5
-
-
kΩ
RO
Output impedance
The resistive load between DAC_OUT
and VSS is 1.5MΩ with buffer off
-
-
15
kΩ
CLOAD
Capacitive load
Maximum capacitive load at
DAC_OUT pin with buffer on
-
-
50
pF
DAC_OUT
min
Low DAC_OUT
voltage with buffer
Maximum output offset of DAC,
(0x0E1) corresponding to 12-bit input
code to VREF+= (0xF1B) at 3.6V and
VREF+= (0x154) at 2.4V and (0xEAC)
0.39
-
1.94
V
DAC_OUT
max
High output voltage
with buffer
-10.84
-
4.66
V
DNL
Differential non-linear
error
Configured with 12-bit DAC
-1.03
-
0.79
LSB
INL
Integral non-linear
error
Configured with 12-bit DAC
-3.86
-
2.46
LSB
Offset
Offset error
VREF+=3.6V, configuring 12-bit DAC
-2.57
-
9.49
LSB
Gain error
Gain error
Configured with 12-bit DAC
-0.0013
-
0.0045
%
Note: It is obtained from a comprehensive evaluation and is not tested in production.
Table 1. Temperature Sensor Features
Symbol
Parameters
Minimum
Value
Typical
Value
Maximum
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com