Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103RET6-R Datasheet(PDF) 30 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103RET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103RET6-R Datasheet(HTML) 30 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103RET6-R Datasheet HTML 26Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 27Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 28Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 29Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 30Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 31Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 32Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 33Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 34Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
www.g eeh y.co m
Pag e 29
USART mode/function
USART1
USART2
USART3
UART4
UART5
Single-line half-duplex mode
√
√
√
√
√
Support DMA function
√
√
√
√
—
Note: √ = support.
4.10.2.
I2C
I2C1/2 and I2C3 bus interfaces are built in. I2C1 and I2C3 share hardware interface and
register base address. Therefore, I2C1 and I2C3 cannot be used at the same time.
I2C1/2 both can work in multiple master modes or slave modes, support 7-bit or 10-bit
addressing, and support dual-slave addressing in 7-bit slave mode; the communication rate
supports standard mode (up to 100kbit/s) and fast mode (up to 400kbit/s); hardware CRC
generator/checker are built in; they can operate with DMA and support SMBus 2.0
version/PMBus.
I2C3 bus can operate in standard mode, fast mode and high-speed mode. The devices in high-
speed mode and fast mode are downward compatible.
4.10.3.
SPI/I2S
Three built-in SPIs, support full duplex and half duplex communication in master mode and
slave mode, can use DMA controller, and can configure 4~16 bits per frame, and communicate
at a rate of up to 18Mbit/s.
2 built-in I2S (multiplexed with SPI2 and SPI3 respectively), support half duplex communication
in master mode and slave mode, support synchronous transmission, and can be configured
with 16-bit, 24-bit and 32-bit data transfer with 16-bit or 32-bit resolution. The configurable
range of audio sampling rate is 8kHz~48kHz; when one or two I2S interfaces are configured as
the master mode, the master clock can be output to external DAC or decoder (CODEC) at 256
times of sampling frequency.
4.10.4.
CAN
2 built-in CANs (CAN1 and CAN2 can be used at the same time), compatible with 2.0A and
2.0B (active) specification, and can communicate at a rate of up to 1Mbit/s. It can receive and
send standard frame of 11-bit identifier and extended frame of 29-bit identifier. It has 3 sending
mailboxes and 2 receiving FIFO, 28 3-level adjustable filters.
4.10.5.
USBD
The product embeds USBD modules (USBD1 and USBD2) compatible with full-speed USBD
devices, which comply with the standard of full-speed USBD devices (12Mb/s), and the
endpoints can be configured by software, and have standby/wake-up functions. The dedicated
48MHz clock for USBD is directly generated by internal PLL. When using the USBD function,
the system clock can only be one of 48MHz, 72MHz, 96MHz and 120MHz, which can obtain
48MHz required for USBD through 1 fractional frequency, 1.5 fractional frequency, 2 fractional
frequency and 2.5 fractional frequency respectively.
USBD1 and USBD2 share register address and pin interface, so only one of them can be used
at the same time.
4.10.6.
Simultaneous use of USBD and CAN interfaces
This product USBD1 (2) and CAN1 (2) sharing the same dedicated 512 - byte SRAM memory
used to send and receive data, USBD and CAN therefore be ready to use at the same
time.Details are as follows:
⚫
CAN1 and USBD2 could be used at the same time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com