Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM32E103RET6-R Datasheet(PDF) 40 Page - Geehy Semiconductor Co., Ltd.

Part # APM32E103RET6-R
Description  Arm® Cortex®-M3 based 32-bit MCU
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEEHY [Geehy Semiconductor Co., Ltd.]
Direct Link  https://global.geehy.com/
Logo GEEHY - Geehy Semiconductor Co., Ltd.

APM32E103RET6-R Datasheet(HTML) 40 Page - Geehy Semiconductor Co., Ltd.

Back Button APM32E103RET6-R Datasheet HTML 36Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 37Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 38Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 39Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 40Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 41Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 42Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 43Page - Geehy Semiconductor Co., Ltd. APM32E103RET6-R Datasheet HTML 44Page - Geehy Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
www.g eeh y.co m
Pag e 39
Low speed internal (LSICLK) RC oscillator
Table 22 LSICLK Oscillator Characteristics
Symbol
Parameter
Minimum
value
Typical
value
Maximum
value
Unit
fLSICLK
Frequency (VDD =2-3.6V, TA =-40~105
℃)
30
40
60
KHz
IDD(LSICLK)
Power consumption of LSICLK oscillator
-
-
0.56
μA
tSU(LSICLK)
LSICLK oscillator startup time, (VDD=3.3V, TA=-40~105
℃)
-
-
74.8
μs
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.5.3.
PLL Characteristics
Table 23 PLL Characteristics
Symbol
Parameter
Numerical Value
Unit
Minimum
value
Typical
value
Maximum
value
fPLL_IN
PLL input clock
1
8
25
MHz
PLL input clock duty cycle
40
-
60
%
fPLL_OUT
PLL frequency doubling output clock, (VDD=3.3V, TA=-
40~105
℃)
16
-
120
MHz
tLOCK
PLL phase locking time
-
-
200
μs
Note: It is obtained from a comprehensive evaluation and is not tested in production.
5.6.
Reset and power management
5.6.1.
Test of embedded reset and power control block characteristics
Table 24 Embedded Reset and Power Control Block Characteristics
Symbol
Parameter
Conditions
Minimum value
Typical value
Maximum value
Unit
VPOR/PDR
Power-on/power-
down reset
threshold
Falling edge
1.84
1.86
1.88
V
Rising edge
1.90
1.92
1.93
V
VPDRhyst
PDR hysteresis
-
50.00
54.00
60.00
mV
TRSTTEMPO
Reset duration
-
0.90
1.39
4.90
ms
Note: It is obtained from a comprehensive evaluation and is not tested in production.
Table 25 Programmable Power Supply Voltage Detector Characteristics
Symbol
Parameter
Conditions
Minimum
value
Typical
value
Maximum
value
Unit
VPVD
Programmable
power supply
voltage
detector
PLS[2:0]=000 (rising edge)
2.17
-
2.20
V
PLS[2:0]=000 (falling edge)
2.06
-
2.10
V
PLS[2:0]=000(PVD hysteresis)
100
-
110
mV
PLS[2:0]=001 (rising edgeg)
2.27
-
2.30
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com