Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2004 Datasheet(PDF) 2 Page - International Rectifier

Part # IP2004
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004 Datasheet(HTML) 2 Page - International Rectifier

  IP2004 Datasheet HTML 1Page - International Rectifier IP2004 Datasheet HTML 2Page - International Rectifier IP2004 Datasheet HTML 3Page - International Rectifier IP2004 Datasheet HTML 4Page - International Rectifier IP2004 Datasheet HTML 5Page - International Rectifier IP2004 Datasheet HTML 6Page - International Rectifier IP2004 Datasheet HTML 7Page - International Rectifier IP2004 Datasheet HTML 8Page - International Rectifier IP2004 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Page 2 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Absolute Maximum Ratings
VIN to PGND ……………………..…….…. -0.5V to 16V
VDD to PGND …………………….….……. -0.5V to 6.5V
PWM to PGND ………………….………… -0.5V to VDD + 0.5V (Note 1)
ENABLE to PGND ………………………... -0.5V to VDD + 0.5V (Note 1)
Storage Temperature …………..…………. -60ºC to 150ºC
Block Temperature …………...…………… -40ºC to 150ºC (Note 5)
ESD Rating………………………….………. HBM Class 1B (500V)
MM Class B (200V)
MSL Rating………………………….………. 3
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those listed in the “Recommended
Operating Conditions” section of this specification is not implied.
Recommended Operating Conditions
PARAMETER
Min
Typ
Max
Units
Conditions
Supply Voltage (VDD)
4.5
-
6.0
V
Input Voltage (VIN)
3.3
-
13.2
V
Output Voltage (VOUT)
-
-
8.0
V
Output Current (IOUT)
-
-
40
A
Switching Frequency (FSW)
250
-
1500
kHz
On Time Duty Cycle
-
-
85
%
Minimum VSW On Time
60
-
-
ns
VDD = 5.0V, VIN = 12V
Block Temperature
-40
-
125
ºC
Electrical Specifications
These specifications apply for TBLK = 0ºC to 125ºC and VDD = 5.0V, unless otherwise specified.
PARAMETER
Min
Typ
Max
Units
Conditions
Ploss
Power Block Losses
-
7.4
9.1
W
VIN = 12V, VDD = 5.0V, VOUT = 1.3V,
IOUT = 40A, FSW = 1MHz,
LOUT = 0.3uH, TA = 25ºC
(Note 3)
VIN
Quiescent Current
-
-
1.0
mA
VIN = 12V, ENABLE = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com