Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2004 Datasheet(PDF) 7 Page - International Rectifier

Part # IP2004
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004 Datasheet(HTML) 7 Page - International Rectifier

Back Button IP2004 Datasheet HTML 3Page - International Rectifier IP2004 Datasheet HTML 4Page - International Rectifier IP2004 Datasheet HTML 5Page - International Rectifier IP2004 Datasheet HTML 6Page - International Rectifier IP2004 Datasheet HTML 7Page - International Rectifier IP2004 Datasheet HTML 8Page - International Rectifier IP2004 Datasheet HTML 9Page - International Rectifier IP2004 Datasheet HTML 10Page - International Rectifier IP2004 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Page 7 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
Calculating Power Loss and SOA for Different Operating Conditions
To calculate Power Loss for a given set of operation conditions, the following procedure
should be followed:
Power Loss Procedure
1. Determine the maximum current for each iP2004 and obtain the maximum power loss
from Figure 1
2. Use the Normalized curves in page 5 to obtain power loss values that match the
operating conditions in the Application
3. The maximum power loss under the Application conditions is then the product of the
power loss from Figure 1 and the normalized values.
To calculate the Safe Operating Area (SOA) for a given set of operating conditions, the
following procedure should be followed:
SOA Procedure
1. Determine the maximum PCB and CASE temperature at the maximum operating
current for each iP2004
2. Use the Normalized curves in page 5 to obtain SOA temperature adjustments that
match the operating conditions in the Application
3. Then, add the sum of the SOA temperature adjustments to the TX axis intercept in
Figure 2
Design Example
Operating Conditions:
Output Current = 30A
Input Voltage = 10V
Output Voltage = 3.3V
Switching Freq = 750kHz
Inductor = 0.2µH
Drive Voltage (VDD) = 5.5V
Calculating Maximum Power Loss:
(Figure 1)
Maximum power loss = 8.0W
(Figure 3)
Normalized power loss for input voltage
≈ 0.98
(Figure 4)
Normalized power loss for output voltage
≈ 1.23
(Figure 5)
Normalized power loss for drive voltage (VDD) ≈ 0.96
(Figure 6)
Normalized power loss for output inductor
≈ 1.03
(Figure 7)
Normalized power loss for switch frequency
≈ 0.91
Calculated Maximum Power Loss
≈ 8.0W x 0.98 x 1.23 x 0.96 x 1.03 x 0.91 ≈ 8.68W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com