Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2004 Datasheet(PDF) 3 Page - International Rectifier

Part # IP2004
Description  SYNCHRONOUS BUCK LGA POWER BLOCK
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP2004 Datasheet(HTML) 3 Page - International Rectifier

  IP2004 Datasheet HTML 1Page - International Rectifier IP2004 Datasheet HTML 2Page - International Rectifier IP2004 Datasheet HTML 3Page - International Rectifier IP2004 Datasheet HTML 4Page - International Rectifier IP2004 Datasheet HTML 5Page - International Rectifier IP2004 Datasheet HTML 6Page - International Rectifier IP2004 Datasheet HTML 7Page - International Rectifier IP2004 Datasheet HTML 8Page - International Rectifier IP2004 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Page 3 of 15
www.irf.com
12/22/2007
Data Sheet No. PD60322
iP2004
PARAMETER
Min
Typ
Max
Units
Conditions
VDD
Supply Current (Stand By)
-
1.1
2.0
mA
VDD = 5.0V, ENABLE = 0V
Supply Current (Operating)
-
70
110
mA
VIN = 12V, VDD= EN ABLE = 5.0V,
FSW = 1MHz, 10% DC,
Power-On Reset (POR)
VCC Rising
3.7
-
4.5
V
Hysterisis
140
185
230
mV
VI Rising & Falling
ENABLE INPUT
Logic Level Low Threshold (VIL)
-
-
0.8
V
Schmitt Trigger Input
VCC = POR to 6.0V
Logic Level High Threshold (VIH)
2.0
-
-
V
Threshold Hysterisis
-
100
-
mV
Weak pull-down current
-
10
-
µA
Rising Propagation Delay (TPDH)
-
40
-
ns
Falling Propagation Delay (TPDL)
-
75
-
ns
PWM INPUT
Logic Level Low Threshold (VIL)
-
-
0.8
V
Schmitt Trigger Input
VCC = POR to 6.0V
(Note 4)
Logic Level High Threshold (VIH)
2.0
-
-
V
Threshold Hysterisis
-
100
-
mV
Weak pull-down current
-
2
-
µA
Rising Propagation Delay (TPDH)
-
50
-
ns
Falling Propagation Delay (TPDL)
-
35
-
ns
Notes:
1.
Must not exceed 6.5V.
2.
Guaranteed by design, not tested in production.
3.
Measurement made with six 10µF (TDK C3225X5R1C106KT or equivalent) ceramic capacitors across VIN to PGND
pins (see Figure 9).
4.
TPDH and TPDL are not associated with rise and fall times. Does not affect Power Loss (see Figure 10).
5.
Block Temperature is defined as any Die temperature within the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com