Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151BDDFR Datasheet(PDF) 20 Page - Texas Instruments

Part # INA151BDDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151BDDFR Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA151BDDFR Datasheet HTML 16Page - Texas Instruments INA151BDDFR Datasheet HTML 17Page - Texas Instruments INA151BDDFR Datasheet HTML 18Page - Texas Instruments INA151BDDFR Datasheet HTML 19Page - Texas Instruments INA151BDDFR Datasheet HTML 20Page - Texas Instruments INA151BDDFR Datasheet HTML 21Page - Texas Instruments INA151BDDFR Datasheet HTML 22Page - Texas Instruments INA151BDDFR Datasheet HTML 23Page - Texas Instruments INA151BDDFR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
7.3.3 Reference Voltage Range for G=1/4 (INA151D)
The topology of the internal amplifiers in INA151D establishes constraint on linear performance dependent on
supply voltage, common-mode input voltage and reference voltage. Figure 7-6 illustrates this interdependency,
showing how the (input referred) offset voltage increases non-linearly if the reference voltage exceeds the linear
operating range.
For a power supply configuration of VS= ±5V and common-mode input voltage set to mid-supply. Keep VREF at or
below GND (down to negative supply, thus −5V) for linear operating including temperature and process variation.
For a power supply configuration of VS = ±10V and common-mode input voltage set to mid-supply. Keep VREF
at or below 2V (down to negative supply, thus −10V) for linear operating including temperature and process
variation.
Reference Voltage VREF (V)
-10 -9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
2
3
0
100
200
300
400
500
VS= 10V, VCM=Mid-Supply
VS= 5V, VCM=Mid-Supply
Figure 7-6. Offset Voltage (RTI) vs Reference Voltage of INA151D
7.4 Device Functional Modes
The INA151 has two functional modes of operation being enabled when the enable pin is driven to logic high and
being disabled when the enable pin is driven logic low and the output stage being shut off. When the device is
enabled, the device draws a typical consumption current of 430μA on the VS+ pin and −460μA on the VS− pin.
When disabled the current consumption is 30% lower at typical ±300μA. The device is functional as long as
the power supply voltages are in the recommended operating voltage range of 2.7V (±1.35V) to 20V (±10V).
Operational temperature range of INA151 is from –40°C to 125°C.
7.4.1 Output Enable and Disable
The INA151 includes an enable pin (EN) that enables or disables the output stage of the amplifier. When the
output stage is disabled, the output is set to a high-impedance state.
This function can be leveraged to perform a multiplexing function in a stacked system with multiple channels,
eliminating the need for an external multiplexer. By sequentially enabling one device at a time while keeping
other devices disabled, each output can be directly sampled by a single ADC input. Additionally the disable
function achieves a 30% reduction of quiescent current, thereby supporting power efficient operation in power
sensitive applications.
When the enable pin is driven to logic high (EN=HIGH), the device needs to bias internally with a typical delay
time of 15μs until settled to 0.1% error band. When disabled the device shut down within a delay of 16μs
(typical). Consider implementing enough delay time between disabling one channel and enabling the subsequent
channel.
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
20
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com