Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151BDDFR Datasheet(PDF) 12 Page - Texas Instruments

Part # INA151BDDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151BDDFR Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA151BDDFR Datasheet HTML 8Page - Texas Instruments INA151BDDFR Datasheet HTML 9Page - Texas Instruments INA151BDDFR Datasheet HTML 10Page - Texas Instruments INA151BDDFR Datasheet HTML 11Page - Texas Instruments INA151BDDFR Datasheet HTML 12Page - Texas Instruments INA151BDDFR Datasheet HTML 13Page - Texas Instruments INA151BDDFR Datasheet HTML 14Page - Texas Instruments INA151BDDFR Datasheet HTML 15Page - Texas Instruments INA151BDDFR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = ±5V, RL = 10kΩ, CL = 10pF, VREF = VS / 2, VCM = (VIN+ + VIN–) / 2 = VS / 2, and G = 1 (A) (unless
otherwise noted)
Output Voltage (V)
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
-1.5
-1
-0.5
0
0.5
1
1.5
2
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Figure 6-23. Non-Linearity vs Output Voltage (G=2/3)
Output Voltage (V)
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
-1.5
-1
-0.5
0
0.5
1
1.5
2
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Figure 6-24. Non-Linearity vs Output Voltage (G=1/2)
Output Voltage (V)
-1.25
-1
-0.75 -0.5 -0.25
0
0.25
0.5
0.75
1
1.25
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
Unit 1
Unit 2
Unit 3
Unit 4
Unit 5
Figure 6-25. Non-Linearity vs Output Voltage (G=1/4)
Frequency (Hz)
60
70
80
90
100
110
120
130
140
150
160
10m
100m
1
10
100
1k
10k
100k
G = 1 V/V
G = 2/3 V/V
G = 1/2 V/V
G = 1/4 V/V
Figure 6-26. CMRR (Referred to Input) vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
G = 1V/V
G = 2/3V/V
G = 1/2V/V
G = 1/4V/V
Figure 6-27. AC PSRR+ (Referred to Input) vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
1
10
100
1k
10k
100k
G = 1V/V
G = 2/3V/V
G = 1/2V/V
G = 1/4V/V
Figure 6-28. AC PSRR- (Referred to Input) vs Frequency
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
www.ti.com
12
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com