Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA151BDDFR Datasheet(PDF) 3 Page - Texas Instruments

Part # INA151BDDFR
Description  INA151 110V, 125dB CMRR Precision Difference Amplifier With Enable/Disable Function
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA151BDDFR Datasheet(HTML) 3 Page - Texas Instruments

  INA151BDDFR Datasheet HTML 1Page - Texas Instruments INA151BDDFR Datasheet HTML 2Page - Texas Instruments INA151BDDFR Datasheet HTML 3Page - Texas Instruments INA151BDDFR Datasheet HTML 4Page - Texas Instruments INA151BDDFR Datasheet HTML 5Page - Texas Instruments INA151BDDFR Datasheet HTML 6Page - Texas Instruments INA151BDDFR Datasheet HTML 7Page - Texas Instruments INA151BDDFR Datasheet HTML 8Page - Texas Instruments INA151BDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
4 Device Comparison Table
DEVICE
VERSION
GAIN
PACKAGE LEADS
SOT-23
DDF
INA151
A
1
8
B
2/3
8
C
1/2
8
D
1/4
8
5 Pin Configuration and Functions
REF
8
EN
INN
7
VS+
INP
6
VOUT
4
VS
5
DGND
1
2
3
Figure 5-1. INA151 DDF Package, 8-Pin SOT-23 (Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
SOT-23
INN
2
I
Negative (inverting) input
INP
3
I
Positive (non-inverting) input
VOUT
6
O
Output
REF
1
I
Reference input
VS–
4
—
Negative supply
VS+
7
—
Positive supply
EN
8
I
Enable/Disable input
DGND
5
—
Digital Ground
(1)
I = input, O = output
www.ti.com
INA151
SLVSIL6C – JANUARY 2026 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com