Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002BB Datasheet(PDF) 1 Page - STMicroelectronics

Part # M29F002BB
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BB Datasheet(HTML) 1 Page - STMicroelectronics

  M29F002BB Datasheet HTML 1Page - STMicroelectronics M29F002BB Datasheet HTML 2Page - STMicroelectronics M29F002BB Datasheet HTML 3Page - STMicroelectronics M29F002BB Datasheet HTML 4Page - STMicroelectronics M29F002BB Datasheet HTML 5Page - STMicroelectronics M29F002BB Datasheet HTML 6Page - STMicroelectronics M29F002BB Datasheet HTML 7Page - STMicroelectronics M29F002BB Datasheet HTML 8Page - STMicroelectronics M29F002BB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
April 2002
M29F002BT, M29F002BNT
M29F002BB, M29F002BNB
2 Mbit (256Kb x8, Boot Block) Single Supply Flash Memory
s
SINGLE 5V ± 10% SUPPLY VOLTAGE for
PROGRAM, ERASE and READ OPERATIONS
s
ACCESS TIME: 45 ns
s
PROGRAMMING TIME
– 8 µs by Byte typical
s
7 MEMORY BLOCKS
– 1 Boot Block (Top or Bottom Location)
– 2 Parameter and 4 Main Blocks
s
PROGRAM/ERASE CONTROLLER
– Embedded Byte Program algorithm
– Embedded Multi-Block/Chip Erase algorithm
– Status Register Polling and Toggle Bits
s
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
s
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
s
TEMPORARY BLOCK UNPROTECTION
MODE
s
LOW POWER CONSUMPTION
– Standby and Automatic Standby
s
100,000 PROGRAM/ERASE CYCLES per
BLOCK
s
20 YEARS DATA RETENTION
– Defectivity below 1 ppm/year
s
ELECTRONIC SIGNATURE
– Manufacturer Code: 20h
– Top Device Code M29F002BT: B0h
– Top Device Code M29F002BNT: B0h
– Bottom Device Code M29F002BB: 34h
– Bottom Device Code M29F002BNB: 34h
32
1
TSOP32 (N)
8 x 20mm
PLCC32 (K)
PDIP32 (P)
Figure 1. Logic Diagram
AI02957B
18
A0-A17
W
DQ0-DQ7
VCC
M29F002BT
M29F002BB
M29F002BNT
M29F002BNB
E
VSS
8
G
RP


Similar Part No. - M29F002BB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002B STMICROELECTRONICS-M29F002B Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F002B-120K1TR STMICROELECTRONICS-M29F002B-120K1TR Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F002B-120K6TR STMICROELECTRONICS-M29F002B-120K6TR Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F002B-120N1TR STMICROELECTRONICS-M29F002B-120N1TR Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F002B-120N6TR STMICROELECTRONICS-M29F002B-120N6TR Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
More results

Similar Description - M29F002BB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M29F002T STMICROELECTRONICS-M29F002T Datasheet
196Kb / 29P
2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
Jul-1998
M29F200BT STMICROELECTRONICS-M29F200BT Datasheet
146Kb / 22P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
08-Oct-1999
M29F200T STMICROELECTRONICS-M29F200T Datasheet
224Kb / 33P
2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
Jul-1998
M29W002BT STMICROELECTRONICS-M29W002BT Datasheet
156Kb / 20P
2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
30-Mar-2000
M29W022BT STMICROELECTRONICS-M29W022BT Datasheet
123Kb / 20P
2 Mbit 256Kb x8, Boot Block Low Voltage Single Supply Flash Memory
30-Mar-2000
M50FW002 STMICROELECTRONICS-M50FW002 Datasheet
254Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
31-May-2002
M50LPW002 STMICROELECTRONICS-M50LPW002 Datasheet
258Kb / 39P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
31-May-2002
M50LPW012 STMICROELECTRONICS-M50LPW012 Datasheet
239Kb / 35P
2 Mbit 256Kb x8, Boot Block 3V Supply Low Pin Count Flash Memory
16-Sep-2002
M29F400BT STMICROELECTRONICS-M29F400BT_06 Datasheet
318Kb / 40P
4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory
12-Dec-2006
logo
Micron Technology
M29F200BB70N6 MICRON-M29F200BB70N6 Datasheet
373Kb / 39P
2 Mbit (256Kb x8 or 128Kb x16, Boot Block) Single Supply Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com