Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002BB Datasheet(PDF) 16 Page - STMicroelectronics

Part # M29F002BB
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M29F002BB Datasheet HTML 12Page - STMicroelectronics M29F002BB Datasheet HTML 13Page - STMicroelectronics M29F002BB Datasheet HTML 14Page - STMicroelectronics M29F002BB Datasheet HTML 15Page - STMicroelectronics M29F002BB Datasheet HTML 16Page - STMicroelectronics M29F002BB Datasheet HTML 17Page - STMicroelectronics M29F002BB Datasheet HTML 18Page - STMicroelectronics M29F002BB Datasheet HTML 19Page - STMicroelectronics M29F002BB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
16/22
Table 15. Reset/Block Temporary Unprotect AC Characteristics
(TA = 0 to 70°C, –40 to 85°C or –40 to 125°C)
Note: 1. Sampled only, not 100% tested.
Symbol
Alt
Parameter
M29F002B
Unit
45
55
70 / 90 / 120
tPHWL
(1)
tPHEL
tPHGL
(1)
tRH
RP High to Write Enable Low, Chip Enable
Low, Output Enable Low
Min
50
50
50
ns
tPLPX
tRP
RP Pulse Width
Min
500
500
500
ns
tPLYH
(1)
tREADY
RP Low to Read Mode
Max
10
10
10
µs
tPHPHH
(1)
tVIDR
RP Rise Time to VID
Min
500
500
500
ns
Figure 12. Reset/Block Temporary Unprotect AC Waveforms
AI02943
W,
RP
tPLPX
tPHWL, tPHEL, tPHGL
tPLYH
tPHPHH
E, G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com