Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002BB Datasheet(PDF) 20 Page - STMicroelectronics

Part # M29F002BB
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BB Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M29F002BB Datasheet HTML 14Page - STMicroelectronics M29F002BB Datasheet HTML 15Page - STMicroelectronics M29F002BB Datasheet HTML 16Page - STMicroelectronics M29F002BB Datasheet HTML 17Page - STMicroelectronics M29F002BB Datasheet HTML 18Page - STMicroelectronics M29F002BB Datasheet HTML 19Page - STMicroelectronics M29F002BB Datasheet HTML 20Page - STMicroelectronics M29F002BB Datasheet HTML 21Page - STMicroelectronics M29F002BB Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
20/22
TSOP32 – 32 lead Plastic Thin Small Outline, 8 x 20mm, Package Outline
Note: Drawing is not to scale.
TSOP32 – 32 lead Plastic Thin Small Outline, 8 x 20mm, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.20
0.0472
A1
0.05
0.15
0.0020
0.0059
A2
0.95
1.05
0.0374
0.0413
B
0.15
0.27
0.0059
0.0106
C
0.10
0.21
0.0039
0.0083
D
19.80
20.20
0.7795
0.7953
D1
18.30
18.50
0.7205
0.7283
E
7.90
8.10
0.3110
0.3189
e
0.50
–
–
0.0197
–
–
L
0.50
0.70
0.0197
0.0276
α
0°
5°
0°
5°
N32
32
CP
0.10
0.0039
TSOP-a
D1
E
1
N
CP
B
e
A2
A
N/2
D
DIE
C
L
A1
α



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com