Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST108 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # JSST108
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST108 Datasheet(HTML) 5 Page - Vishay Siliconix

  JSST108 Datasheet HTML 1Page - Vishay Siliconix JSST108 Datasheet HTML 2Page - Vishay Siliconix JSST108 Datasheet HTML 3Page - Vishay Siliconix JSST108 Datasheet HTML 4Page - Vishay Siliconix JSST108 Datasheet HTML 5Page - Vishay Siliconix JSST108 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
J/SST108 Series
Vishay Siliconix
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-5
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
100
10
1
0.1
10
100
10
1.0
0.1
0.01
10
100
100
10
1
0.1
10
100
50
50
50
Common Gate Forward Admittance
Common Gate Reverse Admittance
Common Gate Output Admittance
–gfg
gog
bog
–grg
–brg
TA = 25_C
VDG = 20 V
ID = 20 mA
f – Frequency (MHz)
f – Frequency (MHz)
f – Frequency (MHz)
TA = 25_C
VDG = 20 V
ID = 20 mA
TA = 25_C
VDG = 20 V
ID = 20 mA
20
20
20
bfg
SWITCHING TIME TEST CIRCUIT
J/SST108
J/SST
109
J/SST110
VGS(L)
–12 V
–7 V
–5 V
RL*
150
W
150
W
150
W
ID(on)
10 mA
10 mA
10 mA
*Non-inductive
INPUT PULSE
SAMPLING SCOPE
Rise Time < 1 ns
Fall Time < 1 ns
Pulse Width 100 ns
PRF 1 MHz
Rise Time 0.4 ns
Input Resistance 10 M
W
Input Capacitance 1.5 pF
51
Ω
51
Ω
1 k
Ω
VIN
Scope
VDD
RL
OUT
VGS(H)
VGS(L)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com