Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST108 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # JSST108
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST108 Datasheet(HTML) 3 Page - Vishay Siliconix

  JSST108 Datasheet HTML 1Page - Vishay Siliconix JSST108 Datasheet HTML 2Page - Vishay Siliconix JSST108 Datasheet HTML 3Page - Vishay Siliconix JSST108 Datasheet HTML 4Page - Vishay Siliconix JSST108 Datasheet HTML 5Page - Vishay Siliconix JSST108 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
J/SST108 Series
Vishay Siliconix
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
40
–55
25
125
32
24
16
8
0
–15
85
–35
5
45
65
105
20
0
–8
–10
–4
8
4
0
50
20
10
0
1
10
100
1000
800
400
200
0
16
12
600
40
30
–2
–6
5
0
–6
–8
–10
4
3
2
1
0
30
015
20
10
525
24
18
12
6
0
–2
–4
100
06
8
10
40
20
0
80
60
24
On-Resistance and Drain Current
vs. Gate-Source Cutoff Voltage
On-Resistance vs. Drain Current
Turn-On Switching
Turn-Off Switching
On-Resistance vs. Temperature
Output Characteristics
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
TA – Temperature (_C)
VDS – Drain-Source Voltage (V)
VGS(off) – Gate-Source Cutoff Voltage (V)
ID – Drain Current (mA)
rDS @ ID = 10 mA, VGS = 0 V
IDSS @ VDS = 15 V, VGS = 0 V
IDSS
rDS
TA = 25_C
VGS(off) = –2 V
–4 V
–8 V
VGS(off) = –2 V
–4 V
–8 V
ID = 10 mA
rDS changes X 0.7%/_C
V
GS
= 0 V
tr approximately independent of ID
VDD = 1.5 V, RG = 50 Ω
VGS(L) = –10 V
td(on) @ ID = 25 mA
td(on) @ ID = 10 mA
tr
td(off)
VGS(off) = –2 V
td(off) independent
of device VGS(off)
VDD = 1.5 V, VGS(L) = –10 V
VGS(off) = –8 V
–0.4 V
–0.6 V
–0.8 V
–0.2 V
VGS(off) = –2 V
tf



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com