Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSST108 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # JSST108
Description  N-Channel JFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

JSST108 Datasheet(HTML) 1 Page - Vishay Siliconix

  JSST108 Datasheet HTML 1Page - Vishay Siliconix JSST108 Datasheet HTML 2Page - Vishay Siliconix JSST108 Datasheet HTML 3Page - Vishay Siliconix JSST108 Datasheet HTML 4Page - Vishay Siliconix JSST108 Datasheet HTML 5Page - Vishay Siliconix JSST108 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
J/SST108 Series
Vishay Siliconix
Document Number: 70231
S-04028—Rev. E, 04-Jun-01
www.vishay.com
7-1
N–Channel JFETs
J108
SST108
J109
SST109
J110
SST110
PRODUCT SUMMARY
Part Number
VGS(off) (V)
rDS(on) Max (
W)
ID(off) Typ (pA)
tON Typ (ns)
J/SST108
–3 to –10
8
20
4
J/SST109
–2 to –6
12
20
4
J/SST110
–0.5 to –4
18
20
4
FEATURES
BENEFITS
APPLICATIONS
D Low On-Resistance: J108 <8 W
D Fast Switching—tON: 4 ns
D Low Leakage: 20 pA
D Low Capacitance: 11 pF
D Low Insertion Loss
D Low Error Voltage
D High-Speed Analog Circuit Performance
D Negligible “Off-Error” Excellent Accuracy
D Good Frequency Response
D Eliminates Additional Buffering
D Analog Switches
D Choppers
D Sample-and-Hold
D Normally “On” Switches
D Current Limiters
DESCRIPTION
The J/SST108 series is designed with high-performance
analog switching applications in mind. It features low
on-resistance, good off-isolation, and fast switching.
The SST108 series is comprised of surface-mount
devices featuring the lowest rDS(on) of any TO-236
(SOT-23) JFET device.
The TO-226AA (TO-92) plastic package provides a
low-cost option. Both the J and SST series are available
in tape-and-reel for automated assembly (see Packaging
Information).
For
similar
products
packaged
in
TO-206AC (TO-52), see the 2N5432/5433/5434 data
sheet.
D
S
G
TO-236
(SOT-23)
Top View
2
3
1
*Marking Code for TO-236
SST108 (I8)*
SST109 (I9)*
SST110 (I0)*
Top View
S
G
TO-226AA
(TO-92)
D
1
2
3
J108, J109, J110


Similar Part No. - JSST108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
JSST111 VISHAY-JSST111 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
JSST112 VISHAY-JSST112 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
JSST113 VISHAY-JSST113 Datasheet
58Kb / 6P
N-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
81Kb / 7P
P-Channel JFETs
04-Jun-01
JSST174 VISHAY-JSST174 Datasheet
62Kb / 7P
P-Channel JFETs
04-Jun-01
More results

Similar Description - JSST108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com