Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAZ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # HAZ
Description  Ceramic Singlelayer DC Disc Capacitors, 1 kVDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HAZ Datasheet(HTML) 1 Page - Vishay Siliconix

  HAZ Datasheet HTML 1Page - Vishay Siliconix HAZ Datasheet HTML 2Page - Vishay Siliconix HAZ Datasheet HTML 3Page - Vishay Siliconix HAZ Datasheet HTML 4Page - Vishay Siliconix HAZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
HAU, HAZ, HAE, HAX Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
1
Document Number: 22161
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ceramic Singlelayer DC Disc Capacitors,
1 kVDC General Purpose
OPERATING TEMPERATURE RANGE
-40 °C to +85 °C (1)
Note
(1) For explanation about the difference of operating temperature
range and temperature characteristic of capacitance please see
www.vishay.com/doc?48299
TEMPERATURE CHARACTERISTICS
Class 1: N750
Class 2: Y5T, Y5U, Y5V
SECTIONAL SPECIFICATIONS
Climatic category (according to EN 60068-1):
40 / 085 / 21
FEATURES
• High capacitance in small sizes
• Low losses
• Wide range of different lead styles
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
APPLICATIONS
• Lighting ballasts
• Switching power supplies
• Bypassing, coupling and decoupling
•DC blocking
DESIGN
The capacitors consist of a ceramic disc which is silver
plated on both sides. Connection leads are made of tinned
copper having diameters of 0.6 mm or 0.8 mm.
The capacitors may be supplied with straight or kinked
leads having a lead spacing of 5.0 mm or 7.5 mm.
Coating is made of blue colored flame retardant epoxy resin
in accordance with UL 94 V-0.
CAPACITANCE RANGE
10 pF to 22 nF
RATED VOLTAGE
1000 VDC
DIELECTRIC STRENGTH
1750 VDC, 2 s
Component test
INSULATION RESISTANCE AT 500 VDC
≥ 10 000 MΩ (60 s)
TOLERANCE ON CAPACITANCE
± 10 %, ± 20 %, -20 % +50 %
DISSIPATION FACTOR
Class 1:
C < 30 pF:
C
≥ 30 pF: max. 0.1 % (1 MHz)
Class 2:
max. 2.5 % (1 kHz)
QUICK REFERENCE DATA
DESCRIPTION
VALUE
Ceramic Class
1
2
Ceramic Dielectric
N750, Y5T, Y5U, Y5V
Voltage (VDC)
1000
Min. Capacitance (pF)
10
47
Max. Capacitance (pF)
680
22 000
Mounting
Radial
100 pF
C
------------------- + 0.7


x 10
-4
max. 1 MHz
()


Similar Part No. - HAZ

ManufacturerPart #DatasheetDescription
logo
LEM
HAZ 10000-SB LEM-HAZ 10000-SB Datasheet
644Kb / 3P
Current Transducer HAZ 4000
14July2023/Version 14
HAZ 12000-SB LEM-HAZ 12000-SB Datasheet
644Kb / 3P
Current Transducer HAZ 4000
14July2023/Version 14
HAZ 14000-SB LEM-HAZ 14000-SB Datasheet
644Kb / 3P
Current Transducer HAZ 4000
14July2023/Version 14
HAZ 20000-SB LEM-HAZ 20000-SB Datasheet
644Kb / 3P
Current Transducer HAZ 4000
14July2023/Version 14
HAZ 4000-SB LEM-HAZ 4000-SB Datasheet
644Kb / 3P
Current Transducer HAZ 4000
14July2023/Version 14
More results

Similar Description - HAZ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S101K25X7RN6UJ5R VISHAY-S101K25X7RN6UJ5R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
564R30GAS10 VISHAY-564R30GAS10 Datasheet
80Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors
24-Apr-13
HSZ271MAQBRBKR VISHAY-HSZ271MAQBRBKR Datasheet
83Kb / 4P
Ceramic Singlelayer DC Disc Capacitors
08-Oct-13
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
07-Jan-10
HBE472MBBCF0KR VISHAY-HBE472MBBCF0KR Datasheet
84Kb / 4P
Ceramic Singlelayer DC Disc Capacitors, 2 kVDC General Purpose
12-Sep-13
564R VISHAY-564R Datasheet
94Kb / 5P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
06-Jul-16
564R VISHAY-564R_V01 Datasheet
117Kb / 8P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
09-Aug-2021
561R1DF0D10 VISHAY-561R1DF0D10 Datasheet
106Kb / 7P
Lower Voltage Ceramic Singlelayer DC Disc Capacitors 1 kVDC to 3 kVDC Low Dissipation Factor
23-Jul-2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com