Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAZ Datasheet(PDF) 3 Page - Vishay Siliconix

Part # HAZ
Description  Ceramic Singlelayer DC Disc Capacitors, 1 kVDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HAZ Datasheet(HTML) 3 Page - Vishay Siliconix

  HAZ Datasheet HTML 1Page - Vishay Siliconix HAZ Datasheet HTML 2Page - Vishay Siliconix HAZ Datasheet HTML 3Page - Vishay Siliconix HAZ Datasheet HTML 4Page - Vishay Siliconix HAZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HAU, HAZ, HAE, HAX Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
3
Document Number: 22161
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard lead configuration, other lead spacing and diameter available on request
(2) ± 20 % available on request
STORAGE
The capacitors must not be stored in a corrosive atmosphere, where sulphide or chloride gas, acid, alkali or salt are present.
Exposure of the components to moisture, should be avoided. The solderability of the leads is not affected by storage of up to
24 months (temperature +10 °C to +35 °C, relative humidity up to 60 %). Class 2 ceramic dielectric capacitors are also subject
to aging, see www.vishay.com/doc?22001.
SOLDERING
Y5V
2200
- 20 / + 50 (2)
7.0
3.0
5.0
0.6
1.2
HAX222#BA###KR
3300
9.0
HAX332#BA###KR
4700
HAX472#BA###KR
6800
12.0
7.5
HAX682#BA###KR
10 000
HAX103#BA###KR
15 000
17.0
HAX153#BA###KR
22 000
18.0
HAX223#BA###KR
ORDERING CODE
#7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M, - 20 % / + 50 % = S
###
10th to 12th digit
Lead configuration
See “General Information” www.vishay.com/doc?22001
Example
HAU
101
K
BA
BFG
K
R
Series
Capacitance
value
Tolerance code
Voltage code
Lead
configuration
Internal code
RoHS
compliant
MARKING
SOLDERING SPECIFICATIONS
Soldering test for capacitors with wire leads: (according to IEC 60068-2-20, solder bath method)
SOLDERABILITY
RESISTANCE TO SOLDERING HEAT
Soldering temperature
235 °C ± 5 °C
260 °C ± 5 °C
Soldering duration
2 s ± 0.5 s
10 s ± 1 s
Distance from component body
≥ 2 mm
≥ 5 mm
ORDERING INFORMATION
CAPACITANCE
(pF)
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Smax. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
ORDERING CODE
MISSING DIGITS
SEE ORDERING
CODE BELOW
HAU 10 pF to 330 pF
HAZ 47 pF to 2.2 nF
HAE 1.0 nF to 4.7 nF
HAU 470 pF to 680 pF
HAZ 3.3 nF to 4.7 pF
HAE 6.8 nF to 10 nF
HAX 2.2 nF to 6.8 nF
HAX 10 nF to 22 nF
33p K
1 kV U
n56 K
2n2 S
1 kV
HAX
10n S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com