Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAZ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # HAZ
Description  Ceramic Singlelayer DC Disc Capacitors, 1 kVDC General Purpose
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

HAZ Datasheet(HTML) 2 Page - Vishay Siliconix

  HAZ Datasheet HTML 1Page - Vishay Siliconix HAZ Datasheet HTML 2Page - Vishay Siliconix HAZ Datasheet HTML 3Page - Vishay Siliconix HAZ Datasheet HTML 4Page - Vishay Siliconix HAZ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HAU, HAZ, HAE, HAX Series
www.vishay.com
Vishay Roederstein
Revision: 28-Jan-2022
2
Document Number: 22161
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in millimeters
ORDERING INFORMATION
CAPACITANCE
(pF)
TOLERANCE
(%)
BODY
DIAMETER
Dmax. (mm)
BODY
THICKNESS
Smax. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
ORDERING CODE
MISSING DIGITS
SEE ORDERING
CODE BELOW
N750
10
± 10
7.0
3.0
7.5
0.6
1.4
HAU100KBA###KR
15
HAU150KBA###KR
22
HAU220KBA###KR
33
8.0
HAU330KBA###KR
47
HAU470KBA###KR
68
HAU680KBA###KR
82
HAU820KBA###KR
100
HAU101KBA###KR
150
10.0
3.5
HAU151KBA###KR
220
11.0
HAU221KBA###KR
330
12.5
HAU331KBA###KR
470
14.5
HAU471KBA###KR
560
16.5
HAU561KBA###KR
680
18.0
HAU681KBA###KR
Y5T
47
± 10, ± 20
7.0
3.0
5.0
0.6
1.2
HAZ470#BA###KR
56
HAZ560#BA###KR
68
HAZ680#BA###KR
82
HAZ820#BA###KR
100
HAZ101#BA###KR
150
HAZ151#BA###KR
220
HAZ221#BA###KR
330
HAZ331#BA###KR
470
HAZ471#BA###KR
680
HAZ681#BA###KR
1000
9.0
HAZ102#BA###KR
1500
HAZ152#BA###KR
2200
11.0
HAZ222#BA###KR
3300
13.0
7.5
HAZ332#BA###KR
4700
15.0
HAZ472#BA###KR
Y5U
1000
± 20
7.0
3.0
5.0
0.6
1.2
HAE102MBA###KR
1500
9.0
HAE152MBA###KR
2200
HAE222MBA###KR
3300
11.0
HAE332MBA###KR
4700
HAE472MBA###KR
6800
13.0
7.5
HAE682MBA###KR
10 000
15.0
HAE103MBA###KR
S
max.
Ø d ± 0.05
V
F
D
max.
30 - 3
or 10 ± 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com