Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16 Datasheet(PDF) 10 Page - STMicroelectronics

Part # 28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28C16 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button 28C16 Datasheet HTML 6Page - STMicroelectronics 28C16 Datasheet HTML 7Page - STMicroelectronics 28C16 Datasheet HTML 8Page - STMicroelectronics 28C16 Datasheet HTML 9Page - STMicroelectronics 28C16 Datasheet HTML 10Page - STMicroelectronics 28C16 Datasheet HTML 11Page - STMicroelectronics 28C16 Datasheet HTML 12Page - STMicroelectronics 28C16 Datasheet HTML 13Page - STMicroelectronics 28C16 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AI01523
A0-A10
E
G
DQ0-DQ7
W
tWHWH
Addr 0
DQ5
Addr 1
Addr 2
Addr n
tWHWH
tWHRH
tWLWH
tWHWL
tPLTS
Byte 0
Byte 1
Byte 2
Byte n
Byte n
Figure 12. Page Write Mode AC Waveforms - Write Enable Controlled
AI01515
A0-A5
E
G
DQ0-DQ7
W
tWLWH
tDVWH
Byte 0
tWHWL
A6-A10
tWLAX
tWHWH
tWHDX
tAVEL
555h
2AAh
555h
Byte 62
Byte 63
AAh
55h
A0h
Byte Address
Page Address
Figure 13. Software Protected Write Cycle Waveforms
Note: A6 through A10 must specify the same page address during each high to low transition of W (or E) after the software code has been
entered. G must be high only when W and E are both low.
10/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com