Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16 Datasheet(PDF) 13 Page - STMicroelectronics

Part # 28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28C16 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button 28C16 Datasheet HTML 9Page - STMicroelectronics 28C16 Datasheet HTML 10Page - STMicroelectronics 28C16 Datasheet HTML 11Page - STMicroelectronics 28C16 Datasheet HTML 12Page - STMicroelectronics 28C16 Datasheet HTML 13Page - STMicroelectronics 28C16 Datasheet HTML 14Page - STMicroelectronics 28C16 Datasheet HTML 15Page - STMicroelectronics 28C16 Datasheet HTML 16Page - STMicroelectronics 28C16 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
ORDERING INFORMATION SCHEME
Notes: 1. The M28C16 in TSOP28 package has a Ready/Busy output on pin 1.
2. Packages available on request only.
Devices are shipped from the factory with the memory content set at all ”1’s” (FFh).
For a list of available options (Package, etc...) or for further information on any aspect of this device, please
contact the SGS-THOMSON Sales Office nearest to you.
Speed
-90
90ns
-120
120ns
-150
150ns
Package
P
(2)
PDIP28
K
PLCC32
MS
(2) SO28 300mils
N
(1)
TSOP28
8 x 13.4mm
Temperature Range
1
0 to 70
°C
6
–40 to 85
°C
Option
T
Tape & Reel
Packing
Example:
M28C16
-90 K
1
T
13/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com