Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

28C16 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 28C16
Description  16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

28C16 Datasheet(HTML) 2 Page - STMicroelectronics

  28C16 Datasheet HTML 1Page - STMicroelectronics 28C16 Datasheet HTML 2Page - STMicroelectronics 28C16 Datasheet HTML 3Page - STMicroelectronics 28C16 Datasheet HTML 4Page - STMicroelectronics 28C16 Datasheet HTML 5Page - STMicroelectronics 28C16 Datasheet HTML 6Page - STMicroelectronics 28C16 Datasheet HTML 7Page - STMicroelectronics 28C16 Datasheet HTML 8Page - STMicroelectronics 28C16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A10
A8
A9
DQ7
W
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
VCC
AI01485
M28C16
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
24
23
22
21
20
19
18
17
Figure 2A. DIP Pin Connections
AI01486C
A8
A10
17
A0
NC
DQ0
A6
A3
A2
A1
A5
A4
9
A9
1
NC
DQ6
DQ7
32
M28C16
NC
G
E
25
Figure 2B. LCC Pin Connections
Warning: NC = Not Connected, DU = Don’t Use
DQ0
DQ1
A3
A0
A2
A1
A10
E
DQ7
G
DQ5
VCC
DQ4
A9
W
A4
A7
AI01519
M28C16
8
2
3
4
5
6
7
9
10
11
12
22
21
20
19
18
17
16
15
DQ2
VSS
A6
A5
DQ6
24
23
DQ3
1
A8
16
15
Figure 2C. SO Pin Connections
A1
A0
DQ0
A5
A2
A4
A3
A9
NC
DQ7
A8
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
NC
W
NC
A6
RB
VCC
A7
AI01175C
M28C16
28
1
22
78
14
15
21
VSS
A10
Figure 2D. TSOP Pin Connections
Warning: NC = Not Connected.
2/18
M28C16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com