Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP100N15D Datasheet(PDF) 1 Page - A POWER MICROELECTRONICS

Part # AP100N15D
Description  150V N-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APME [A POWER MICROELECTRONICS]
Direct Link  
Logo APME - A POWER MICROELECTRONICS

AP100N15D Datasheet(HTML) 1 Page - A POWER MICROELECTRONICS

  AP100N15D Datasheet HTML 1Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 2Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 3Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 4Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 5Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 6Page - A POWER MICROELECTRONICS AP100N15D Datasheet HTML 7Page - A POWER MICROELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AP100N15D
150V N-Channel Enhancement Mode MOSFET
AP100N15D REV1.0
永源微电子科技有限公司
Description
The AP100N15D uses advanced APM-SGT II technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 4.5V. This
device is suitable for use as a Battery protection
or in other Switching application.
General Features
VDS = 150V ID =100A
RDS(ON) <18mΩ@ VGS=10V (Type:13.8mΩ)
Application
Automative lighting
Load switch
Uninterruptible power supply
Package Marking and Ordering Information
Product ID
Pack
Marking
Qty(PCS)
AP100N15D
TO-252-3L
AP100N15D XXX YYYY
2500
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
150
V
VGS
Gate-Source Voltage
±20
V
ID@TC=25
℃
Drain Current, VGS @ 10V
100
A
ID@TC=100
℃
Drain Current, VGS @ 10V
56
A
IDM
Pulsed Drain Current1
360
A
EAS
Single pulsed avalanche energy
280
mJ
PD@TC=25
℃
Total Power Dissipation
214
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
RθJA
Maximum Thermal Resistance, Junctionambient
0.7
℃/W
RθJC
Maximum Thermal Resistance, Junction-case
62.5
℃/W


Similar Part No. - AP100N15D

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP100N15F APME-AP100N15F Datasheet
863Kb / 9P
150V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N15NF APME-AP100N15NF Datasheet
756Kb / 7P
150V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N15P APME-AP100N15P Datasheet
863Kb / 9P
150V N-Channel Enhancement Mode MOSFET
REV1.0
AP100N15T APME-AP100N15T Datasheet
863Kb / 9P
150V N-Channel Enhancement Mode MOSFET
REV1.0
More results

Similar Description - AP100N15D

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN15H310SE DIODES-DMN15H310SE_15 Datasheet
382Kb / 7P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
ZXMN15A27K DIODES-ZXMN15A27K_15 Datasheet
670Kb / 8P
150V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Shanghai Leiditech Elec...
LM5D25N15 LEIDITECH-LM5D25N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
LM8S20N15 LEIDITECH-LM8S20N15 Datasheet
2Mb / 5P
150V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJQ5494 PANJIT-PJQ5494 Datasheet
611Kb / 6P
150V N-Channel Enhancement Mode MOSFET
March 27,2018-REV.01
PJD30N15 PANJIT-PJD30N15 Datasheet
422Kb / 8P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
PJD40N15 PANJIT-PJD40N15 Datasheet
533Kb / 6P
150V N-Channel Enhancement Mode MOSFET
July 5,2017-REV.00
PJL9480 PANJIT-PJL9480 Datasheet
304Kb / 6P
150V N-Channel Enhancement Mode MOSFET
November 25,2016-REV.00
logo
TECH PUBLIC Electronics...
TPSI3440DV-T1-GE3 TECHPUBLIC-TPSI3440DV-T1-GE3 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
FDC2512 TECHPUBLIC-FDC2512 Datasheet
3Mb / 6P
150V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com