Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMU01020C3JB2 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # MMU01020C3JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C3JB2 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button MMU01020C3JB2 Datasheet HTML 2Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 3Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 4Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 9Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
6
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Maximum pulse load, continuous pulse; applicable if
P ≤ P (
ϑamb) and ≤ max.;
for permissible resistance change ± (0.5 %
R + 0.01 Ω)
Continuous Pulse for R < 10
Ω
Maximum pulse load, single pulse; applicable if
P → 0 and n ≤ 1000 and
≤ max.;
for permissible resistance change ± (0.5 %
R + 0.01 Ω)
Single Pulse for R
≥ 10 Ω
Maximum pulse load, continuous pulse; applicable if
P ≤ P (
ϑamb) and ≤ max.;
for permissible resistance change ± (0.5 %
R + 0.01 Ω)
Continuous Pulse for R
≥ 10 Ω
1 μs
10 μs
100 μs
1 ms
10 ms
100 ms
1 s
10 s
10
100
1000
10000
0.1
1
10
100
1000
Axis Title
t
i - Pulse Duration
▬▬▬
MMB 0207
▬▬▬
MMA 0204
▬▬▬
MMU 0102
▬▬
MMU 0102 (min.)
Uˆ Uˆ
1 μs
10 μs
100 μs
1 ms
10 ms
100 ms
1 s
10 s
10
100
1000
10000
0.1
1
10
100
1000
Axis Title
t
i - Pulse Duration
▬▬▬
MMB 0207
▬▬▬
MMA 0204
▬▬▬
MMU 0102
Uˆ Uˆ
1 μs
10 μs
100 μs
1 ms
10 ms
100 ms
1 s
10 s
10
100
1000
10000
0.1
1
10
100
1000
Axis Title
t
i - Pulse Duration
▬▬▬
MMB 0207
▬▬▬
MMA 0204
▬▬▬
MMU 0102
Uˆ Uˆ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com