Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMU01020C3JB2 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # MMU01020C3JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C3JB2 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button MMU01020C3JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 9Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 10Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 11Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 12Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
12
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Note
• Color code marking is applied according to IEC 60062 (1) in four bands (E24 series) or five bands (E96 or E192 series). Each color band
appears as a single solid line, voids are permissible if at least 2/3 of the band is visible from each radial angle of view. The last color band for
tolerance is approximately 50 % wider than the other bands. An interrupted yellow band between the 4th and 5th full band indicates TC25
SOLDER PAD DIMENSIONS AND RECOMMENDED SOLDERING PROFILES
For recommended solder pad dimensions please refer to the Vishay Draloric / Beyschlag Surface-Mount Resistors and Fuses
Mounting Guide at www.vishay.com/doc?28950.
For recommended soldering profiles please refer to www.vishay.com/doc?31090.
DIMENSIONS AND MASS
TYPE/SIZE
L
(mm)
D
(mm)
L1 min.
(mm)
D1
(mm)
K
(mm)
MASS
(mg)
MMU 0102
2.2 + 0 / - 0.1
1.1 + 0 / - 0.1
1.2
D + 0 / - 0.1
0.4 + 0.1 / - 0.05
8
MMA 0204
3.6 + 0 / - 0.2
1.4 + 0 / - 0.1
1.8
D + 0 / - 0.15
0.75 ± 0.1
22
MMB 0207
5.8 + 0 / - 0.15
2.2 + 0 / - 0.2
3.2
D + 0 / - 0.2
1.15 ± 0.1
80
REVISION HISTORY
REVISION DATE
DESCRIPTION
20-Jan-2026
Page 1:
- Introduction of feature PFAS free
- Addition of thermal resistance information
Page 5:
- Introduction of higher pulse robustness for single pulse for
R < 10 Ω
Page 6:
- Introduction of higher pulse robustness for continuous pulse for
R < 10 Ω
Page 12
- Introduction of “Revision History” table
L
1
K
D
1
D
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com