Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMU01020C3JB2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # MMU01020C3JB2
Description  Professional Thin Film MELF Resistors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMU01020C3JB2 Datasheet(HTML) 3 Page - Vishay Siliconix

  MMU01020C3JB2 Datasheet HTML 1Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 2Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 3Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 4Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 5Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 6Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 7Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 8Page - Vishay Siliconix MMU01020C3JB2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MMU 0102, MMA 0204, MMB 0207 - Professional
www.vishay.com
Vishay Beyschlag
Revision: 20-Jan-2026
3
Document Number: 28713
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Products can be ordered using either the PART NUMBER or the PRODUCT DESCRIPTION
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
MMU 0102
B3 = BL
3000
Antistatic blister tape acc.
IEC 60286-3, Type 2a
8 mm
4 mm
Ø 180 mm / 7"
B0
10 000
Ø 330 mm / 13"
MMA 0204
B3 = BL
3000
Antistatic blister tape acc.
IEC 60286-3, Type 2a
8 mm
4 mm
Ø 180 mm / 7"
B0
10 000
Ø 330 mm / 13"
MMB 0207
B2
2000
Antistatic blister tape acc.
IEC 60286-3, Type 2a
12 mm
4 mm
Ø 180 mm / 7"
B7
7000
Ø 330 mm / 13"
PART NUMBER AND PRODUCT DESCRIPTION
Part Number: MMB02070D5620DB200
Part Number: MMB02070Z0000ZB200
TYPE / SIZE
VERSION
TCR
RESISTANCE
TOLERANCE
PACKAGING
MMU 0102
MMA 0204
MMB 0207
0 =
EN 140401-803,
“Version A”
D = ± 25 ppm/K
C = ± 50 ppm/K
B = ± 100 ppm/K
Z = jumper
3 digit value
1 digit multiplier
Multiplier
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
2 = *102
3 = *103
4 = *104
5 = *105
0000 = jumper
D = ± 0.5 %
F = ± 1 %
G = ± 2 %
J = ± 5 %
Z = jumper
B3
B0
B2
B7
Product Description: MMB 0207-25 0.5% B2 562R
Product Description: MMB 0207 B2 0R0
MMB
0207
-25
0.5 %
B2
562R
MMB
0207
-
-
B2
0R0
TYPE
SIZE
TCR
TOLERANCE
PACKAGING
RESISTANCE
MMU
MMA
MMB
0102
0204
0207
± 25 ppm/K
± 50 ppm/K
± 100 ppm/K
± 0.5 %
± 1 %
± 2 %
± 5 %
BL
B0
B2
B7
562R = 562
Ω
0R0 = jumper
M
B
0
2070
Z
0
M
00
Z
B
2
00
0
M
B
0
2070
D
5
M
20
D
B
2
00
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com