Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3310
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3310 Datasheet HTML 2Page - Monolithic Power Systems MP3310 Datasheet HTML 3Page - Monolithic Power Systems MP3310 Datasheet HTML 4Page - Monolithic Power Systems MP3310 Datasheet HTML 5Page - Monolithic Power Systems MP3310 Datasheet HTML 6Page - Monolithic Power Systems MP3310 Datasheet HTML 7Page - Monolithic Power Systems MP3310 Datasheet HTML 8Page - Monolithic Power Systems MP3310 Datasheet HTML 9Page - Monolithic Power Systems MP3310 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
6
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
FUNCTION DIAGRAM
Control
Logic
+
-
Current Sense
Amplifier
+
-
PWM
Comparator
OSC
+
-
REF
OV
Comparator
+
-
LED
Current Regulator
EA
Regulator
OVP
VIN
VCC
ISET
COMP
FSET
EN/DIM
Enable
Control
500mV
SW
GND
M1
M2
Figure 1
—MP3310 Function Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com