Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3310
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3310 Datasheet HTML 3Page - Monolithic Power Systems MP3310 Datasheet HTML 4Page - Monolithic Power Systems MP3310 Datasheet HTML 5Page - Monolithic Power Systems MP3310 Datasheet HTML 6Page - Monolithic Power Systems MP3310 Datasheet HTML 7Page - Monolithic Power Systems MP3310 Datasheet HTML 8Page - Monolithic Power Systems MP3310 Datasheet HTML 9Page - Monolithic Power Systems MP3310 Datasheet HTML 10Page - Monolithic Power Systems MP3310 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP3310
– 47V, 1.3A, STEP-UP WHITE LED DRIVER WITH TRUE PWM DIMMING
MP3310 Rev. 1.1
www.MonolithicPower.com
7
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
OPERATION
The MP3310 employs a constant frequency,
peak current mode step-up converter and internal
regulated current source to regulate the array of
white LEDs. The operation of the MP3310 can be
understood by referring to the block diagram of
Figure 1.
Internal 5V Regulator
The MP3310 includes an internal linear regulator
(VCC). When VIN is greater than 5.5V, this
regulator offers a 5V power supply for the internal
MOSFET switch gate driver and the internal
control circuitry. The VCC voltage drops to 0V
when the chip shuts down. In the application of
VIN smaller than
5.5V, tie VCC and VIN
together. The MP3310 features Under Voltage
Lockout. The chip is disabled until VCC exceeds
the UVLO threshold. And the hysteresis of UVLO
is approximately 450mV.
System Startup
When the MP3310 is enabled and VCC exceeds
the UVLO threshold, the capacitor on COMP pin
is charged. Once the COMP level reaches to
about 750mV, the switching begins and the
MP3310 starts boosting the step-up converter.
Step-up Converter
The converter operation frequency is adjustable
by FSET setting resistor, which is helpful for
optimizing the external components sizes and
improving the efficiency.
At the beginning of each cycle, the power FET is
turned on with the internal clock. To prevent sub-
harmonic oscillations at duty cycles greater than
50 percent, a stabilizing ramp is added to the
output of the current sense amplifier and the
result is fed into the PWM comparator. When this
result voltage reaches the output voltage of the
error amplifier (VCOMP) the power FET is turned
off.
The COMP voltage at the output of the internal
error amplifier is an amplified signal of the
difference between the 500mV reference voltage
and
the
feedback
voltage.
The
converter
automatically provides enough bus voltage to
power the LED array.
If the feedback voltage drops below the 500mV
reference, the output of the error amplifier
increases. It results in more current flowing
through the power FET, thus increasing the
power delivered to the output. In this way it forms
a close loop to make the LED current in
regulation.
At light-load or VOUT near to VIN operation, the
converter runs into the pulse-skipping mode, the
FET is turned on for a minimum on-time, and
then the converter discharges the power to the
output in the remnant period. The FET will keep
off until the output voltage needs to be boosted
again.
Dimming Control
The MP3310 incorporates both Enable and PWM
dimming onto a single control pin. The part
features true PWM dimming which results in
PWM chopping of the current in the LEDs to
provide flexible LED brightness control.
Open Load Protection
The open load protection is achieved through the
over voltage protection. If LED array is open, the
LED pin is pulled to ground and the IC keeps
charging the output voltage until it reach OVP
threshold. Then the MP3310 shuts down the
step-up converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com