Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3310 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3310
Description  47V, 1.3A, Step-up White LED Driver with True PWM Dimming
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3310 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3310 Datasheet HTML 1Page - Monolithic Power Systems MP3310 Datasheet HTML 2Page - Monolithic Power Systems MP3310 Datasheet HTML 3Page - Monolithic Power Systems MP3310 Datasheet HTML 4Page - Monolithic Power Systems MP3310 Datasheet HTML 5Page - Monolithic Power Systems MP3310 Datasheet HTML 6Page - Monolithic Power Systems MP3310 Datasheet HTML 7Page - Monolithic Power Systems MP3310 Datasheet HTML 8Page - Monolithic Power Systems MP3310 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP3310
47V, 1.3A, Step-up
White LED Driver
with True PWM Dimming
MP3310 Rev. 1.1
www.MonolithicPower.com
1
8/10/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP3310 is a monolithic step-up converter
designed for driving arrays of WLEDs from a
wide input supply range. The MP3310 uses
current mode, fixed frequency architecture to
regulate the LED current to user programmed
value set by an external current setting resistor.
The switching frequency is also programmable
with an external resistor.
The MP3310 features true PWM dimming,
which
allows
the
flexible
control
of
the
backlighting luminance under wide range of the
ambient brightness.
The MP3310 is turned off if an over-voltage
condition is present due to an open circuit
condition. Use one external resistor voltage
divider to program OVP threshold. The MP3310
also includes under-voltage lockout, current
limiting
and
thermal
overload
protection
preventing damage in the event of an output
overload.
The MP3310 is available in small 10-pin QFN
3x3mm package.
FEATURES
• Internal 0.3Ω Power MOSFET
• Wide 4.5V to 25V Operating Input Range
• Drives up to 12 Series White LEDs
• Up to 93% Efficiency
• True PWM Dimming
• Adjustable Switching Frequency
• Adjustable Open Load Shutdown Voltage
• Internal 1.3A Current Limit
• UVLO, Thermal Shutdown
• Available in 3mmx3mm QFN-10 Package
APPLICATIONS
• LCD Panels
• Digital Picture Frames
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
4.5V~25V
MP3310
VCC
VIN
SW
3
9
6
EN/DIM
OVP
2
7
1
4
Enable/
Dimming Control
L1
D1
C1
C3
C2
R1
R2
RISET
LED
ISET
FSET
10
RFSET
COMP
GND
5
8
C4
C5
R3


Similar Part No. - MP3310

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310EQ MPS-MP3310EQ Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310EQ MPS-MP3310EQ Datasheet
161Kb / 4P
1.3A Step-up White LED Driver Evaluation Board
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
MP3310NGQ MPS-MP3310NGQ Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
More results

Similar Description - MP3310

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3305 MPS-MP3305 Datasheet
294Kb / 11P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com