Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM317M
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317M Datasheet(HTML) 5 Page - Texas Instruments

  LM317M Datasheet HTML 1Page - Texas Instruments LM317M Datasheet HTML 2Page - Texas Instruments LM317M Datasheet HTML 3Page - Texas Instruments LM317M Datasheet HTML 4Page - Texas Instruments LM317M Datasheet HTML 5Page - Texas Instruments LM317M Datasheet HTML 6Page - Texas Instruments LM317M Datasheet HTML 7Page - Texas Instruments LM317M Datasheet HTML 8Page - Texas Instruments LM317M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
0
25
50
TJ − Temperature − °C
2.5
2
1.5
1
0.5
0
IL = 500 mA
IL = 100 mA
75
100
125
10 Hz
Frequency
100
100 Hz
1 kHz
90
80
70
60
50
40
30
20
10
0
VI = 15 Vdc and Vac = 1 VPP
VO = 10 V
IL = 100 mA
CL = 1 µF
Ci = 0.1 µF
CADJ = 0 µF
CADJ = 10 µF
10 kHz
100 kHz
10 Hz
Frequency
10.00
50 Hz
100 Hz
500 Hz
1 kHz
5 kHz
10 kHz
50 kHz
100 kHz
150 kHz
1.00
0.10
0.01
VI = 15 V
VO = 10 V
IL = 100-mA dc and 10-mA RMS
CADJ = 0 µF
CADJ = 10 µF
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
RIPPLE REJECTION
INPUT-OUTPUT VOLTAGE DIFFERENTIAL
vs
vs
FREQUENCY
TEMPERATURE
Figure 9.
Figure 10.
OUTPUT IMPEDANCE
vs
FREQUENCY
Figure 11.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com