Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM317M
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317M Datasheet(HTML) 2 Page - Texas Instruments

  LM317M Datasheet HTML 1Page - Texas Instruments LM317M Datasheet HTML 2Page - Texas Instruments LM317M Datasheet HTML 3Page - Texas Instruments LM317M Datasheet HTML 4Page - Texas Instruments LM317M Datasheet HTML 5Page - Texas Instruments LM317M Datasheet HTML 6Page - Texas Instruments LM317M Datasheet HTML 7Page - Texas Instruments LM317M Datasheet HTML 8Page - Texas Instruments LM317M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
Recommended Operating Conditions
Electrical Characteristics
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
over operating temperature range (unless otherwise noted)
MIN
MAX
UNIT
VI – VO
Input-to-output differential voltage
40
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature (within 5 mils of the plastic body for 10 s)
KTP, DCY packages
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JC
θ
JCB
θ
JA
PowerFLEX (KTP)
High K, JESD 51-5
3
°C/W
28
°C/W
SOT-223 (DCY)
High K, JESD 51-7
30.6
°C/W
53
°C/W
TO-252 (KVU)
High K, JESD 51-5
30.3
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
MIN
MAX
UNIT
VI – VO
Input-to-output voltage differential
37
V
IO
Output current
0.5
A
No suffix
0
125
TJ
Operating virtual junction temperature
°C
Q suffix
–40
125
over recommended operating virtual-junction temperature range, V
I – VO = 5 V, IO = 0.1 A (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
TJ = 25°C
0.01
0.04
Line regulation(2)
VI – VO = 3 V to 40 V
%/V
Full temperature range
0.02
0.07
TJ = 25°C
0.1
0.5
Load regulation
IO = 10 mA to 500 mA
%VO
Full temperature range
0.3
1.5
ADJUST terminal current
50
100
µA
Change in ADJUST terminal current
VI – VO = 3 V to 40 V,
IO = 10 mA to 500 mA
0.2
5
µA
Reference voltage
VI – VO = 3 V to 40 V,
IO = 10 mA to 500 mA
1.2
1.25
1.3
V
Output-voltage temperature stability
0.7
%
Minimum load current
3.5
10
mA
to maintain regulation
VI – VO ≤ 15 V
500
900
Maximum output current
mA
VI – VO = 40 V, PD ≤ PD(max),
TJ = 25°C
150
250
RMS output noise voltage (% of VO)
f = 10 Hz to 10 kHz,
TJ = 25°C
0.003
%VO
CADJ = 0(3)
65
VO = 10 V, f = 120 Hz,
Ripple rejection
dB
TJ = 25°C
CADJ = 10 µF(3)
66
80
Long-term stability
TJ = 25°C
0.3
1
%/1k hrs
(1)
Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
(2)
Line voltage regulation is expressed here as the percentage change in output voltage per 1-V change at the input.
(3)
CADJ is connected between the ADJUST terminal and ground.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com