Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317M Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM317M
Description  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317M Datasheet(HTML) 1 Page - Texas Instruments

  LM317M Datasheet HTML 1Page - Texas Instruments LM317M Datasheet HTML 2Page - Texas Instruments LM317M Datasheet HTML 3Page - Texas Instruments LM317M Datasheet HTML 4Page - Texas Instruments LM317M Datasheet HTML 5Page - Texas Instruments LM317M Datasheet HTML 6Page - Texas Instruments LM317M Datasheet HTML 7Page - Texas Instruments LM317M Datasheet HTML 8Page - Texas Instruments LM317M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
KTP PACKAGE
(TOP VIEW)
INPUT
ADJUST
DCY PACKAGE
(TOP VIEW)
INPUT
OUTPUT
ADJUST
KVU (TO-252) PACKAGE
(TOP VIEW)
OUTPUT
INPUT
ADJUST
DESCRIPTION/ORDERING INFORMATION
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
•
Output Voltage Range Adjustable From
•
Q Devices Meet Automotive Performance
1.25 V to 37 V
Requirements
•
Output Current Greater Than 500 mA
•
Customer-Specific Configuration Control Can
Be Supported for Q Devices Along With
•
Internal Short-Circuit Current Limiting
Major-Change Approval
•
Thermal-Overload Protection
•
Output Safe-Area Compensation
The LM317M is an adjustable 3-terminal positive-voltage regulator capable of supplying more than 500 mA over
an output-voltage range of 1.25 V to 37 V. The LM317M is exceptionally easy to use and requires only two
external resistors to set the output voltage. Furthermore, both line and load regulation are better than standard
fixed regulators.
In addition to having higher performance than fixed regulators, the device includes on-chip current limiting,
thermal-overload protection, and safe-operating-area protection. All overload protection remains fully functional if
the ADJUST terminal is disconnected.
Normally, no capacitors are needed unless the device is more than six inches from the input filter capacitors, in
which case an input bypass capacitor is needed. An optional output capacitor can be added to improve transient
response. The ADJUST terminal can be bypassed to achieve high ripple-rejection ratios, which are difficult to
achieve with standard three-terminal regulators.
ORDERING INFORMATION
TJ
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
PowerFLEX™ – KTP
Reel of 2000
LM317MKTPR
LM317M
Tube of 80
LM317MDCY
0
°C to 125°C
SOT – DCY
L4
Reel of 2500
LM317MDCYR
TO-252 – KVU
Reel of 2500
LM317MKVURG3
LM317M
PowerFLEX – KTP
Reel of 2000
LM317MQKTPR
317MQ
–40
°C to 125°C
LM317MQDCYR
L5
SOT – DCY
Reel of 2500
LM317MQDCYRG3
L8
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
Sep-1997
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M Datasheet
224Kb / 8P
3-Terminal 0.5A Positive Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com