Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB0207 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # MBB0207
Description  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBB0207 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button MBB0207 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 10Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 11Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 12Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 13Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 14Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 15Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 16Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
2002 Oct 07
13
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 140000 / IEC 60115-1, Generic specification
(includes tests)
EN 140100 / IEC 60115-2, Sectional specification
(includes schedule for qualification approval)
CECC 40101-806, Detail specification (includes schedule
for conformance inspection)
Most of the components are approved in accordance with
the European CECC-system, where applicable. Table 5
contains only the most important tests. For the full test
schedule refer to the documents listed above. The testing
also covers most of the requirements specified by EIA/IS-703
and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 and
under standard atmospheric conditions in accordance with
IEC 60068-1, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower Category Temperature, Upper
Category Temperature; damp heat, long term, 56 days) is
valid.
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45% to 75%
Air pressure: 86 kPa to 106 kPa (860 mbar to
1 060 mbar).
For testing the components are mounted on a test board in
accordance with IEC 60115-1, 4.31 unless otherwise
specified.
In Table 5 only the tests and requirements are listed with
reference to the relevant clauses of IEC 60115-1 and
IEC 60068-2; a short description of the test procedure is also
given.
Table 5
Test procedures and requirements
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
∆R/R)
stability for product
types:
STABILITY
CLASS 0,5
STABILITY
CLASS 1
STABILITY
CLASS 2
MBA 0204
1
Ω to 332 kΩ
0,22
Ω to < 1 Ω
> 332 k
Ω
MBB 0207
1
Ω to 1 MΩ
0,22
Ω to < 1 Ω
> 1 M
Ω
MBE 0414
1
Ω to 2,4 MΩ
0,22
Ω to < 1 Ω
> 2,4 M
Ω
4.5
−
resistance
±5%; ±1%; ±0,5%
4.8.4.2
−
temperature
coefficient
at 20 / LCT / 20 °C
and
20 / UCT / 20 °C
±50 ppm/K; ±25 ppm/K
4.25.1
−
endurance at
70
°C:
standard
operation
mode
U =
or
U = Umax;
1,5 h on; 0,5 h off
70
°C; 1000 h
±(0,5% + 0,05 Ω)
±(0,5% + 0,05 Ω)
±0,5%
70
°C; 8000 h
±(1% + 0,05 Ω)
±(1% + 0,05 Ω)
±1%
−
endurance at
70
°C:
long term
operation
mode
U =
or
U = Umax;
1,5 h on; 0,5 h off
70
°C; 1000 h
±(0,25% + 0,05 Ω) ±(0,25% + 0,05 Ω)
±0,25%
70
°C; 8000 h
±(0,5% + 0,05 Ω)
±(0,5% + 0,05 Ω)
±0,5%
P70 R
×
P70 R
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com