Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB0207 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MBB0207
Description  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBB0207 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MBB0207 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
2002 Oct 07
4
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
Table 1
Temperature coefficient and resistance range
Note
1. Resistance value to be selected from E24 series for ±5% tolerance, from E24/E96 series for ±1% tolerance and from
E24/E192 for ±0,5% tolerance.
Resistance ranges printed in bold are preferred T.C. / tolerance combinations with optimized availablility.
DESCRIPTION
RESISTANCE VALUE(1.)
T.C.
TOLERANCE
MBA 0204
MBB 0207
MBE 0414
±50 ppm/K
0,22
Ω to 0,91 Ω
11 M
Ω to 22 MΩ
±5%
0,22
Ω to 0,91 Ω
0,22
Ω to 0,91 Ω
±1%
1
Ω to 10 MΩ
1
Ω to 10 MΩ
1
Ω to 22 MΩ
±0,5%
10
Ω to 475 kΩ
10
Ω to 1 MΩ
10
Ω to 2,4 MΩ
±25 ppm/K
±1%
10
Ω to 475 kΩ
10
Ω to 1 MΩ
10
Ω to 2,4 MΩ
±0,5%
10
Ω to 475 kΩ
10
Ω to 1 MΩ
10
Ω to 2,4 MΩ
Jumper
−≤ 10 mΩ; Imax = 3,0 A
≤ 10 mΩ, Imax = 5,0 A
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com