Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBB0207 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBB0207
Description  Professional leaded resistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MBB0207 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBB0207 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBB0207 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2002 Oct 07
2
BCcomponents
Product specification
Professional leaded resistors
MBA 0204; MBB 0207;
MBE 0414
FEATURES
• Advanced thin film technology
• Power dissipation rating up to 1 W
• Excellent overall stability: class 0,25
• Wide professional range: 0,22 Ω to 22 MΩ
• Green product, supports lead-free soldering.
Sizes
APPLICATIONS
• Industrial
• Telecommunication
• Medical equipment.
DESCRIPTION
MBA 0204, MBB 0207 and MBE 0414 professional leaded
thin film resistors are the general purpose resistor for all
fields of professional electronics where reliability and
stability is of major concern. Typical applications include
industrial, telecommunication and medical equipment.
Production is strictly controlled and follows an extensive set
of instructions established for reproducibility. A
homogeneous film of metal alloy is deposited on a high
grade ceramic body (85% Al2O3) and conditioned to
achieve the desired temperature coefficient. Nickel plated
steel termination caps are firmly pressed on the metallised
rods. A special laser is used to achieve the target value by
smoothly cutting a helical groove in the resistive layer
without damaging the ceramics. Connecting wires of
electrolytic copper plated with 100% pure tin are welded to
the termination caps. The resistor elements are covered by a
DIN:
0204
0207
0414
CECC:
A
B
D
light blue protective coating designed for electrical,
mechanical and climatic protection. Four or five colour
code rings designate the resistance value and tolerance in
accordance with IEC 60062.
The result of the determined production is verified by an
extensive testing procedure performed on 100% of the
individual resistors. Only accepted products are stuck
directly on the adhesive tapes in accordance with
IEC 60286-1.
The resistors are suitable for processing on automatic
insertion equipment and cutting and bending machines.
Excellent solderability is proven, even after extended
storage. They are suitable for automatic soldering using
wave or dipping. The encapsulation is resistant to all
cleaning solvents commonly used in the electronics
industry, including alcohols, esters and aqueous solutions.
The resistors are completely lead-free, the pure tin plating
provides compatibility with lead-free soldering processes.
The immunity of the plating against tin whisker growth has
been proven under extensive testing. All products comply
with the CEFIC-EECA-EICTA list of legal restrictions on
hazardous substances.
The resistors are tested in accordance with
CECC 40101-806 which refers to EN 60115-1 and
EN 140100. Approval of conformity is indicated by the
CECC logo on the package label.
BCcomponents BEYSCHLAG has achieved "Approval of
Manufacturer" in accordance with EN 100114-1.
This product family of leaded thin film resistors for
professional applications is complemented by Zero Ohm
Jumpers and isolators.
On request, resistors are available with established
reliability in accordance with CECC 40101-806 Version E.
Please refer to the special data sheet for information on
failure rate level, available resistance ranges and ordering
codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com