Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HN Datasheet(PDF) 22 Page - STMicroelectronics

Part # VIPER17HN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HN Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VIPER17HN Datasheet HTML 18Page - STMicroelectronics VIPER17HN Datasheet HTML 19Page - STMicroelectronics VIPER17HN Datasheet HTML 20Page - STMicroelectronics VIPER17HN Datasheet HTML 21Page - STMicroelectronics VIPER17HN Datasheet HTML 22Page - STMicroelectronics VIPER17HN Datasheet HTML 23Page - STMicroelectronics VIPER17HN Datasheet HTML 24Page - STMicroelectronics VIPER17HN Datasheet HTML 25Page - STMicroelectronics VIPER17HN Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Operation descriptions
VIPER17
22/31
imposed through a resistor at the CONT pin (using the RLIM, see Figure 8 on page 11); the
PWM comparator is disabled.
At the same time an internal current generator starts to charge the feedback capacitor
(CFB) and when the feedback voltage reaches the VFB_olp threshold, the converter is turned
off and the start up phase is activated with reduced value of Icharge to 0.6 mA.
During the first start up phase of the converter, after the soft-start up time (typical value is
8.5 ms) the output voltage could force the feedback pin voltage to rise up to the VFB_olp
threshold that switches off the converter itself.
To avoid this event, the appropriate feedback network has to be selected according to the
output load. More the network feedback fixes the compensation loop stability. The Figure 28
on page 23 and Figure 29 show the two different feedback networks.
The time from the over load detection (VFB = VFB_lin) to the device shutdown (VFB =
VFB_olp) can be calculating by CFB value (see Figure 28 on page 23 and Figure 29), using
the formula:
Equation 5
In the Figure 28, the capacitor connected to FB pin (CFB) is used as part of the circuit to
compensate the feedback loop but also as element to delay the OLP shut down owing to the
time needed to charge the capacitor (see equation 5).
After the start up time, 8.5 ms typ value, during which the feedback voltage is fixed at
VFB_lin, the output capacitor could not be at its nominal value and the controller interpreter
this situation as an over load condition. In this case, the OLP delay helps to avoid an
incorrect device shut down during the start up.
Owing to the above considerations, the OLP delay time must be long enough to by-pass the
initial output voltage transient and check the over load condition only when the output
voltage is in steady state. The output transient time depends from the value of the output
capacitor and from the load.
When the value of the CFB capacitor calculated for the loop stability is too low and cannot
ensure enough OLP delay, an alternative compensation network can be used and it is
showed in Figure 29 on page 24.
Using this alternative compensation network, two poles (fPFB, fPFB1) and one zero (fZFB) are
introduced by the capacitors CFB and CFB1 and the resistor RFB1.
The capacitor CFB introduces a pole (fPFB) at higher frequency than fZB and fPFB1. This pole
is usually used to compensate the high frequency zero due to the ESR (Equivalent Series
Resistor) of the output capacitance of the fly-back converter.
The mathematical expressions of these poles and zero frequency, considering the scheme
in Figure 29 are reported by the equations below:
Equation 6
T
OLP
delay
–
C
FB
V
FBolp
V
FBlin
–
3
µA
----------------------------------------
×
=
1
FB
1
FB
ZFB
R
C
2
1
f
⋅
⋅
π
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com