Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HN Datasheet(PDF) 27 Page - STMicroelectronics

Part # VIPER17HN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HN Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VIPER17HN Datasheet HTML 23Page - STMicroelectronics VIPER17HN Datasheet HTML 24Page - STMicroelectronics VIPER17HN Datasheet HTML 25Page - STMicroelectronics VIPER17HN Datasheet HTML 26Page - STMicroelectronics VIPER17HN Datasheet HTML 27Page - STMicroelectronics VIPER17HN Datasheet HTML 28Page - STMicroelectronics VIPER17HN Datasheet HTML 29Page - STMicroelectronics VIPER17HN Datasheet HTML 30Page - STMicroelectronics VIPER17HN Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
VIPER17
Operation descriptions
27/31
7.13
2nd level over current protection and hiccup mode
The VIPER17 is protected against short circuit of the secondary rectifier, short circuit on the
secondary winding or a hard-saturation of fly-back transformer. Such as anomalous
condition is invoked when the drain current exceed 0.6 A typical.
To distinguish a real malfunction from a disturbance (e.g. induced during ESD tests) a
“warning state” is entered after the first signal trip. If in the subsequent switching cycle the
signal is not tripped, a temporary disturbance is assumed and the protection logic will be
reset in its idle state; otherwise if the 2nd OCP threshold is exceeded for two consecutive
switching cycles a real malfunction is assumed and the power MOSFET is turned OFF.
The shutdown condition is latched as long as the device is supplied. While it is disabled, no
energy is transferred from the auxiliary winding; hence the voltage on the VDD capacitor
decays till the VDD under voltage threshold (VDDoff), which clears the latch.
The start up HV current generator is still off, until VDD voltage goes below its restart voltage,
VDDrest. After this condition the VDD capacitor is charged again by 600 mA current, and the
converter switching restart if the VDDon occurs. If the fault condition is not removed the
device enters in auto-restart mode. This behavioral, results in a low-frequency intermittent
operation (Hiccup-mode operation), with very low stress on the power circuit. See the timing
diagram of Figure 32.
Figure 32. Hiccup-mode OCP: timing diagram
Vcc
VDS
IDRAIN
Vccrest
Secondary diode is shorted here
t
t
t
IDmax
ON
OFF
Vccrest
Secondary diode is shorted here
t
t
t
IDmax
VDD
VDD
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com