Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17HN Datasheet(PDF) 26 Page - STMicroelectronics

Part # VIPER17HN
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17HN Datasheet(HTML) 26 Page - STMicroelectronics

Back Button VIPER17HN Datasheet HTML 22Page - STMicroelectronics VIPER17HN Datasheet HTML 23Page - STMicroelectronics VIPER17HN Datasheet HTML 24Page - STMicroelectronics VIPER17HN Datasheet HTML 25Page - STMicroelectronics VIPER17HN Datasheet HTML 26Page - STMicroelectronics VIPER17HN Datasheet HTML 27Page - STMicroelectronics VIPER17HN Datasheet HTML 28Page - STMicroelectronics VIPER17HN Datasheet HTML 29Page - STMicroelectronics VIPER17HN Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Operation descriptions
VIPER17
26/31
Fixed the VINon and the VINoff levels, with reference to Figure 31, the following relationships
can be established for the calculation of the resistors RH and RL:
Equation 9
Equation 10
For a proper operation of this function, VIN on must be less than the peak voltage at
minimum mains and VIN off less than the minimum voltage on the input bulk capacitor at
minimum mains and maximum load.
The BR pin is a high impedance input connected to high value resistors, thus it is prone to
pick up noise, which might alter the OFF threshold when the converter operates or gives
origin to undesired switch-off of the device during ESD tests.
It is possible to bypass the pin to ground with a small film capacitor (e.g. 1-10 nF) to prevent
any malfunctioning of this kind.
If the Brown-out function is not used the pin has to be connected to GND.
Figure 31. Brown-out protection: BR external setting and timing diagram
Rh
Rl
AC_OK Disable
BR
0.1V
VinOK
Vcc
+
-
0.45V
15u
HV Input bus
HV Input bus
VinOK
Vcc
(pin 3)
VinON
VinOFF
VDS
Vout
BR
0.45V
IBR HYS
15 µA
t
t
t
t
t
t
t
HV Input bus
VinOK
Vcc
(pin 3)
VinON
VinOFF
VDS
Vout
0.45V
15 µA
t
t
t
t
t
t
t
VDD
VDD
BRHYST
BR
BR
INoff
BRHYST
INoff
INon
BRHYST
BRHYST
L
I
V
V
V
V
V
V
I
V
R
×
−
−
−
+
−
=
BRHYST
BRHYST
L
L
BRHYST
BRHYST
INoff
INon
H
I
V
R
R
I
V
V
V
R
+
×
−
−
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com