Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F200B Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29F200B
Description  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F200B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29F200B Datasheet HTML 13Page - STMicroelectronics M29F200B Datasheet HTML 14Page - STMicroelectronics M29F200B Datasheet HTML 15Page - STMicroelectronics M29F200B Datasheet HTML 16Page - STMicroelectronics M29F200B Datasheet HTML 17Page - STMicroelectronics M29F200B Datasheet HTML 18Page - STMicroelectronics M29F200B Datasheet HTML 19Page - STMicroelectronics M29F200B Datasheet HTML 20Page - STMicroelectronics M29F200B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Symbol
Alt
Parameter
M29F200T / M29F200B
Unit
-55
-70
High Speed
Interface
Standard
Interface
Min
Max
Min
Max
tAVAV
tWC
Address Valid to Next Address Valid
55
70
ns
tELWL
tCS
Chip Enable Low to Write Enable Low
0
0
ns
tWLWH
tWP
Write Enable Low to Write Enable High
30
35
ns
tDVWH
tDS
Input Valid to Write Enable High
25
30
ns
tWHDX
tDH
Write Enable High to Input Transition
0
0
ns
tWHEH
tCH
Write Enable High to Chip Enable High
0
0
ns
tWHWL
tWPH
Write Enable High to Write Enable Low
20
20
ns
tAVWL
tAS
Address Valid to Write Enable Low
0
0
ns
tWLAX
tAH
Write Enable Low to Address Transition
45
45
ns
tGHWL
Output Enable High to Write Enable Low
0
0
ns
tVCHEL
tVCS
VCC High to Chip Enable Low
50
50
µs
tWHGL
tOEH
Write Enable High to Output Enable Low
0
0
ns
tPHPHH
(1,2)
tVIDR
RP Rise Time to VID
500
500
ns
tPLPX
tRP
RP Pulse Width
500
500
ns
tWHRL
(1)
tBUSY Program Erase Valid to RB Delay
30
30
ns
tPHWL
(1)
tRSP
RP High to Write Enable Low
4
4
µs
Notes: 1. Sample only, not 100% tested.
2. This timing is for Temporary Block Unprotection operation.
Table 15A. Write AC Characteristics, Write Enable Controlled
(TA = 0 to 70
°C, –40 to 85°C or –40 to 125°C)
POWER SUPPLY
Power Up
The memory Command Interface is reset on power
up to Read Array. Either E or W must be tied to VIH
during Power Up to allow maximum security and
the possibility to write a command on the first rising
edge of E and W. Any write cycle initiation is
blocked when Vcc is below VLKO.
Supply Rails
Normal precautions must be taken for supply volt-
age decoupling; each device in a system should
have the VCC rail decoupled with a 0.1
µF capacitor
close to the VCC and VSS pins. The PCB trace
widths should be sufficient to carry the VCC pro-
gram and erase currents required.
17/33
M29F200T, M29F200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com