Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F200B Datasheet(PDF) 25 Page - STMicroelectronics

Part # M29F200B
Description  2 Mbit 256Kb x8 or 128Kb x16, Boot Block Single Supply Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F200B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M29F200B Datasheet HTML 21Page - STMicroelectronics M29F200B Datasheet HTML 22Page - STMicroelectronics M29F200B Datasheet HTML 23Page - STMicroelectronics M29F200B Datasheet HTML 24Page - STMicroelectronics M29F200B Datasheet HTML 25Page - STMicroelectronics M29F200B Datasheet HTML 26Page - STMicroelectronics M29F200B Datasheet HTML 27Page - STMicroelectronics M29F200B Datasheet HTML 28Page - STMicroelectronics M29F200B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
READ DQ5 & DQ7
at VALID ADDRESS
START
READ DQ7
FAIL
PASS
AI01369
DQ7
=
DATA
YES
NO
YES
NO
DQ5
=1
DQ7
=
DATA
YES
NO
Figure 11. Data Polling Flowchart
READ
DQ2, DQ5 & DQ6
START
READ DQ2, DQ6
FAIL
PASS
AI01873
DQ2, DQ6
=
TOGGLE
NO
NO
YES
YES
DQ5
=1
NO
YES
DQ2, DQ6
=
TOGGLE
Figure 12. Data Toggle Flowchart
Parameter
M29F200T / M29F200B
Unit
Min
Typ
Typical after
100k W/E Cycles
Chip Erase (Preprogrammed)
0.7
0.9
sec
Chip Erase
2.4
2.5
sec
Boot Block Erase
0.6
sec
Parameter Block Erase
0.5
sec
Main Block (32Kb) Erase
0.9
sec
Main Block (64Kb) Erase
1.0
sec
Chip Program (Byte)
2.8
2.8
sec
Byte Program
11
11
µs
Word Program
20
20
µs
Program/Erase Cycles (per Block)
100,000
cycles
Table 18. Program, Erase Times and Program, Erase Endurance Cycles
(TA = 0 to 70
°C; VCC =5V ± 10% or 5V ± 5%)
25/33
M29F200T, M29F200B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com