Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C160 Datasheet(PDF) 11 Page - STMicroelectronics

Part # 27C160
Description  16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

27C160 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button 27C160 Datasheet HTML 7Page - STMicroelectronics 27C160 Datasheet HTML 8Page - STMicroelectronics 27C160 Datasheet HTML 9Page - STMicroelectronics 27C160 Datasheet HTML 10Page - STMicroelectronics 27C160 Datasheet HTML 11Page - STMicroelectronics 27C160 Datasheet HTML 12Page - STMicroelectronics 27C160 Datasheet HTML 13Page - STMicroelectronics 27C160 Datasheet HTML 14Page - STMicroelectronics 27C160 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11/19
M27C160
Electronic Signature
The Electronic Signature (ES) mode allows the
reading out of a binary code from an EPROM that
will identify its manufacturer and type. This mode
is intended for use by programming equipment to
automatically match the device to be programmed
with its corresponding programming algorithm.
The ES mode is functional in the 25°C ± 5°C am-
bient temperature range that is required when pro-
gramming the M27C160. To activate the ES
mode, the programming equipment must force
11.5V to 12.5V on address line A9 of the
M27C160, with VPP =VCC = 5V. Two identifier
bytes may then be sequenced from the device out-
puts by toggling address line A0 from VIL to VIH.All
other address lines must be held at VIL during
Electronic Signature mode. Byte 0 (A0 = VIL) rep-
resents the manufacturer code and byte 1
(A0 = VIH) the device identifier code. For the ST-
Microelectronics M27C160, these two identifier
bytes are given in Table 4 and can be read-out on
outputs Q7 to Q0.
ERASURE OPERATION (applies to UV EPROM)
The erasure characteristics of the M27C160 is
such that erasure begins when the cells are ex-
posed to light with wavelengths shorter than ap-
proximately 4000 Å. It should be noted that
sunlight and some type of fluorescent lamps have
wavelengths in the 3000-4000 Å range. Research
shows that constant exposure to room level fluo-
rescent lighting could erase a typical M27C160 in
about 3 years, while it would take approximately 1
week to cause erasure when exposed to direct
sunlight. If the M27C160 is to be exposed to these
types of lighting conditions for extended periods of
time, it is suggested that opaque labels be put over
the M27C160 window to prevent unintentional era-
sure. The recommended erasure procedure for
M27C160 is exposure to short wave ultraviolet
light which has a wavelength of 2537 Å. The inte-
grated dose (i.e. UV intensity x exposure time) for
erasure should be a minimum of 30 W-sec/cm2.
The erasure time with this dosage is approximate-
ly 30 to 40 minutes using an ultraviolet lamp with
12000 µW/cm2 power rating. The M27C160
should be placed within 2.5cm (1 inch) of the lamp
tubes during the erasure. Some lamps have a filter
on their tubes which should be removed before
erasure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com